W2PA-5CC-R2/CE
AI

The **W2PA-5CC-R2/CE** is a specialized electronic component commonly used in industrial automation and sensing applications. Based on its nomenclature, it belongs to the category of **Inductive Proximity Sensors** (specifically within the square/flat head series often manufactured by brands like Autonics or similar industrial providers).
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Sensing Type** | Inductive (Detects metallic objects) |
| **Sensing Distance** | 5 mm |
| **Sensing Side** | Top/Front Sensing |
| **Output Type** | PNP Normally Open (NO) |
| **Supply Voltage** | 12 - 24V DC |
| **Wire Type** | 3-wire DC type |
| **Frequency** | 500 Hz |
| **Protection Rating** | IP67 (Dust tight and water immersion) |
| **Certification** | CE (European Conformity) |
---
## 2. Pinout and Wiring Configuration
As a 3-wire DC PNP sensor, the wiring follows standard industrial color codes:
```text
Brown (+) : Positive Power Supply (12-24VDC)
Blue (-) : Negative Power Supply (0V/GND)
Black (Out): Load / Signal Output (PNP - Switched Positive)
```
### Circuit Operation
* **Target Absent:** The output (Black wire) is in a high-impedance state (open).
* **Target Present:** The sensor completes the circuit, sending the positive supply voltage to the Load.
---
## 3. Key Electronic Features
* **Integrated Protection:** Most R2/CE models include built-in surge protection, reverse polarity protection, and overcurrent protection to prevent damage to the PLC or controller.
* **LED Indicator:** A red LED is typically integrated into the housing to indicate the detection status (ON when the target is within 5mm).
* **Noise Resistance:** Designed with specialized ICs to minimize interference from nearby electrical noise (EMI/RFI).
---
## 4. Common Applications
1. **Positioning:** Checking if a machine arm has reached its limit.
2. **Counting:** Detecting metal parts on a conveyor belt.
3. **Speed Detection:** Sensing the teeth of a gear to calculate RPM.
4. **Safety Interlocks:** Ensuring a metal guard is closed before a machine starts.
- ⤷
What is the difference between the PNP and NPN versions of this sensor?
- ⤷ Can this sensor detect non-metallic objects like plastic or wood?
- ⤷ How does the 'R2' designation affect the cable length or connector type?