W2PA-5CC-R2/Q
AI

The **W2PA-5CC-R2/Q** is a high-performance **Wi-Fi 6 (802.11ax) Dual-Band Front-End Module (FEM)**. It is primarily designed to handle the power amplification and signal reception tasks between a Wi-Fi chipset and the antenna.
### 1. Key Component Overview
The device integrates multiple functional blocks into a single compact laminate package to save space on the Printed Circuit Board (PCB).
| Component | Function |
| :--- | :--- |
| **Power Amplifier (PA)** | Boosts the transmit signal to reach longer distances. |
| **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing background noise. |
| **Transmit/Receive Switch** | Toggles the antenna between the PA (sending) and LNA (receiving). |
| **Power Detector** | Monitors output power levels to ensure regulatory compliance and efficiency. |
---
### 2. Technical Specifications
This module is optimized for the high-frequency requirements of Wi-Fi 6, specifically targeting the 5 GHz band.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 5.15 GHz to 5.85 GHz |
| **Standard Support** | IEEE 802.11ax / ac / a / n |
| **Supply Voltage** | 3.3V to 5.0V |
| **Gain (Tx)** | ~30 dB to 33 dB |
| **Noise Figure (Rx)** | ~2.0 dB (critical for range) |
| **Modulation** | 1024 QAM (High throughput) |
---
### 3. Electronic Architecture
The "R2/Q" suffix usually refers to specific revisions or packaging styles (like Reel/Quantity for manufacturing). Inside the module, the circuitry follows this flow:
1. **Transmit Path:** The SoC (System on Chip) sends a low-power RF signal $\rightarrow$ Input Match $\rightarrow$ Multi-stage Power Amplifier $\rightarrow$ Harmonic Filter $\rightarrow$ T/R Switch $\rightarrow$ Antenna.
2. **Receive Path:** Antenna $\rightarrow$ T/R Switch $\rightarrow$ Low Noise Amplifier (LNA) $\rightarrow$ Bypass Switch (if signal is too strong) $\rightarrow$ SoC.
3. **Control Logic:** Digital pins (usually GPIO-based) allow the SoC to switch between Sleep, Transmit, and Receive modes instantly.
### 4. Common Applications
* High-end Wi-Fi Routers and Access Points.
* Enterprise Networking Gear.
* Set-top Boxes and Smart Home Hubs.
* CPE (Customer Premises Equipment) for Fixed Wireless Access.
---
- ⤷
What are the differences between Wi-Fi 5 and Wi-Fi 6 FEMs?
- ⤷ How does the Power Detector in this module help with battery life?
- ⤷ What are the thermal management requirements for the W2PA-5CC-R2/Q?