W2PE-10A-R
AI

The **W2PE-10A-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current wire-wound inductor. These components are essential in power management circuits for energy storage and filtering.
---
### 1. Key Technical Specifications
Below are the general characteristics associated with this part series:
| Property | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 10 $\mu$H (Standard for this series) |
| **Current Rating** | High Current (Approx. 1A - 3A depending on specific casing) |
| **Mounting Type** | SMD/SMT (Surface Mount Technology) |
| **Core Material** | Ferrite or Iron Powder |
| **Tolerance** | $\pm$20% (Standard) |
| **Shielding** | Often Shielded (to reduce EMI) |
---
### 2. Functional Role in Electronics
The W2PE-10A-R serves three primary roles within a circuit:
1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components.
3. **Current Smoothing:** It prevents sudden changes in current flow, protecting the rest of the PCB from spikes.
---
### 3. Application Areas
This specific part is commonly found in the following devices:
* **Consumer Electronics:** Laptops, tablets, and smartphones.
* **Power Supplies:** Switch-mode power supplies (SMPS).
* **Automotive:** Infotainment systems and LED lighting drivers.
* **Industrial:** DC-DC converter modules.
---
### 4. Typical Footprint (Dimensions)
While exact dimensions can vary by manufacturer (such as Wurth or Pulse), the "W2PE" series usually follows a standard metric footprint.
```markdown
Example Dimensions (mm):
Length: 4.0mm
Width: 4.0mm
Height: 2.1mm
```
---
### 5. Part Number Breakdown
* **W2PE:** Series identifier (Indicates the wire-wound power inductor family).
* **10A:** Inductance code (10 represents the value, often $10 \mu$H).
* **R:** Usually denotes "RoHS Compliant" or "Tape and Reel" packaging.
- ⤷
What is the maximum saturation current for the W2PE-10A-R?
- ⤷ Can this inductor be used in high-temperature automotive environments?
- ⤷ What are the recommended soldering profiles for this SMD component?