Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PE-10E-R/N

  • AI
    The **W2PE-10E-R/N** is a specific model of an **Industrial Ethernet-to-Fiber Media Converter**. These devices are critical in industrial automation for extending network distances beyond the 100-meter limit of standard copper cabling and providing immunity against electromagnetic interference (EMI). --- ## Technical Specifications The following table outlines the primary electronic and functional characteristics of the W2PE-10E-R/N: | Feature | Specification | | :--- | :--- | | **Interface (Copper)** | 1 x 10/100Base-TX (RJ45 Port) | | **Interface (Fiber)** | 1 x 100Base-FX (Usually SC or ST connector) | | **Fiber Type** | Single-mode (SM) or Multi-mode (MM) depending on sub-variant | | **Input Voltage** | Typically 12V to 48V DC (Redundant Power Inputs) | | **Operating Temp** | -40°C to +75°C (Wide Temperature/Industrial Grade) | | **Mounting** | DIN-Rail or Wall Mount | | **Protection** | IP30 or IP40 Rugged Aluminum/Metal Housing | --- ## Key Electronic Components ### 1. The PHY (Physical Layer) Chipset The heart of the device is an Ethernet Transceiver. It handles the conversion of electrical signals from the RJ45 port into digital data and then modulates that data for the optical transmitter. ### 2. Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Usually an LED (for multi-mode) or a Laser Diode (for single-mode) that converts electricity to light. * **ROSA (Receiver Optical Sub-Assembly):** A photodiode that detects incoming light pulses and converts them back into electrical signals. ### 3. Power Management Circuitry Since these are industrial devices, the internal PCB contains: * **DC-DC Buck Converters:** To step down the 24V/48V industrial input to 3.3V or 1.2V for the internal chips. * **Reverse Polarity Protection:** Prevents damage if the power wires are connected backward. * **Surge Protection:** Built-in TVS diodes to protect against voltage spikes (ESD/EFT). ### 4. Logic & Buffer (MAC/Switch Controller) Unlike a simple "transceiver," this part often includes a small buffer memory to handle **Store-and-Forward** switching, ensuring that fragmented or corrupted packets are not transmitted across the fiber link. --- ## Typical Application Diagram ```mermaid graph LR A[PLC / Industrial PC] -- Copper RJ45 --> B(W2PE-10E-R/N) B -- Fiber Optic Cable --> C(Remote Media Converter) C -- Copper RJ45 --> D[Remote Field Device] ``` ### Why use the "R/N" variant? * **Reliability:** The "R" often signifies **Redundant** power inputs, allowing the device to stay online even if one power supply fails. * **Noise Immunity:** The "N" typically refers to specific **Noise** suppression or high-level EMI shielding suitable for high-voltage environments like power substations. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum distance supported by the W2PE-10E-R/N over fiber?
    • ⤷ Does this model support Power over Ethernet (PoE) for the RJ45 port?
    • ⤷ How do the DIP switches on this device configure Link Fault Pass-Through (LFP)?