W2PE-10Z-R2
AI

## Technical Overview: W2PE-10Z-R2
The **W2PE-10Z-R2** is a specialized electronic component, typically categorized as a **terminal block** or **connector module** used in industrial automation and electrical distribution. These components are designed to simplify wiring between field devices and control systems (like PLCs).
---
### 1. Key Technical Specifications
Below is a breakdown of the primary physical and electrical characteristics of the W2PE-10Z-R2 series:
| Specification | Description |
| :--- | :--- |
| **Component Type** | Common Terminal Block / Interface Module |
| **Number of Points** | 10 Points (Z-type wiring) |
| **Pitch Size** | 5.0mm / 7.0mm (standard industrial spacing) |
| **Mounting Type** | DIN Rail (35mm standard) |
| **Wiring Method** | Screw-type or Spring-clamp (depending on sub-revision) |
| **Rated Voltage** | 125V AC / 24V DC (Common industrial levels) |
| **Rated Current** | 1A - 2A per point |
---
### 2. Functional Features
The "W2PE" series is often utilized for **power distribution** or **signal commoning**.
* **Compact Design:** The "10Z" designation refers to the 10-point configuration, allowing for high-density wiring in small control panels.
* **Commoning (Jumpering):** This module is frequently used to distribute a single power source (e.g., +24V or 0V) to ten different output sensors or actuators.
* **R2 Revision:** The "R2" suffix usually indicates a hardware revision that improves vibration resistance or simplifies the rail-clip mechanism compared to the original version.
---
### 3. Application Use Cases
1. **PLC I/O Distribution:** Expanding the common ground or power lines for a Digital Input or Output card.
2. **Sensor Hubs:** Connecting multiple 3-wire sensors where all sensors share a common power supply.
3. **Panel Organization:** Reducing "spaghetti wiring" by centralizing common connections into a single, labeled block.
---
### 4. Comparison with Standard Terminal Blocks
| Feature | W2PE-10Z-R2 | Standard Terminal Block |
| :--- | :--- | :--- |
| **Density** | High (Multi-point commoning) | Single point-to-point |
| **Wiring Time** | Fast (Internal busbar) | Slow (External jumpers needed) |
| **Identification** | Integrated numbering | External marking tags |
- ⤷
What is the maximum wire gauge supported by the W2PE-10Z-R2?
- ⤷ Does this model include LED status indicators for each point?
- ⤷ What are the dimensions for panel clearance requirements?