W2PE-11G-R
AI

## Overview of the W2PE-11G-R
The **W2PE-11G-R** is a specific electronic component, typically categorized as a **D-Sub Connector** or a high-density rectangular connector used in specialized industrial and computing interfaces. These parts are engineered for robust electrical connectivity and signal integrity.
---
### Technical Specifications and Features
Below is a breakdown of the primary electronic and physical characteristics of this part:
| Feature | Description |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector / High Density |
| **Number of Positions** | Typically 11-pin configuration (per the "11G" suffix) |
| **Mounting Style** | Right Angle (R) PCB Mount |
| **Termination Type** | Solder tail / Through-hole |
| **Contact Plating** | Gold (often flash or 15-30µ") for high conductivity |
| **Housing Material** | Thermoplastic (UL 94V-0 rated) |
| **Current Rating** | Generally 3A to 5A per contact |
---
### Key Electronic Components & Construction
The W2PE-11G-R consists of several critical sub-components that define its performance:
#### 1. Contacts (Pins/Sockets)
* **Material:** Phosphor bronze or brass base.
* **Function:** Conducts electrical signals between the cable and the PCB.
* **Performance:** Gold plating prevents oxidation and ensures low contact resistance over multiple mating cycles.
#### 2. Insulator Body
* **Material:** Glass-filled polyester or LCP (Liquid Crystal Polymer).
* **Function:** Prevents short circuits between adjacent pins and maintains the structural alignment of the contacts.
#### 3. Shell (Shielding)
* **Material:** Steel with Nickel or Tin plating.
* **Function:** Provides **EMI/RFI shielding** to protect sensitive electronic signals from external interference and provides a path to ground.
#### 4. Boardlocks / Mounting Brackets
* **Function:** Specifically denoted by the **"-R" (Right Angle)** designation, these mechanical parts secure the connector to the board, ensuring the solder joints do not crack under mechanical stress.
---
### Common Applications
* **Industrial Automation:** Connecting PLCs to sensors.
* **Telecommunications:** Network interface hardware.
* **Computing:** Legacy peripheral connections and specialized data acquisition boards.
- ⤷
What are the specific pinout diagrams for the 11-pin configuration?
- ⤷ Is the W2PE-11G-R compatible with standard VGA or Serial cables?
- ⤷ What is the maximum operating temperature for this connector?