Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PE-11Z-R/N

  • AI
    Based on the part number provided, the **W2PE-11Z-R/N** is a specific electronic component typically categorized as a **Waterproof Micro Switch** or a **Limit Switch**, often manufactured by companies like **Dongnan (DND)** or similar specialized switch producers. --- ### ## Technical Specifications Overview Below are the primary electronic and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Sealed Micro Switch (Waterproof) | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Contact Rating** | 0.1A to 10A at 125/250VAC (Varies by sub-model) | | **IP Rating** | IP67 (Dust-tight, protection against water immersion) | | **Operating Force** | ~150gf to 300gf (depending on lever type) | | **Terminal Type** | PCB Terminals or Solder terminals | | **Operating Temp** | -40°C to +85°C | --- ### ### Key Electronic Components & Design #### 1. Contact Mechanism The "11Z" designation usually refers to the internal contact arrangement and the specific snap-action mechanism. It uses a **Snap-Action** design, meaning the contact transition happens almost instantaneously regardless of the speed of the physical actuator. #### 2. Waterproofing (The "W" Prefix) The "W" indicates a waterproof series. Internally, the switch is encased in a rubber or silicone boot/seal. This prevents moisture from causing: * **Oxidation:** Prevents corrosion of the internal copper/silver contacts. * **Short-circuiting:** Protects the electrical path from conductive liquids. #### 3. Material Composition * **Contacts:** Usually Silver Alloy for high conductivity and durability. * **Housing:** High-temperature resistant thermoplastic (PBT or PA66). * **Terminals:** Brass with Tin or Gold plating to ensure reliable soldering and low resistance. --- ### ### Typical Applications Due to its robust sealing (IP67), this part is commonly used in: 1. **Automotive:** Door locks, seatbelt sensors, and trunk latches. 2. **Home Appliances:** Washing machine lid locks, vacuum cleaners, and coffee machines. 3. **Industrial:** Valve position feedback and automated assembly line triggers. --- ### ### Part Number Breakdown (Generalized) * **W2:** Series identifier (Waterproof Micro). * **PE:** Type of lever or actuator mounting. * **11:** Electrical rating code. * **Z:** Contact form (e.g., Change-over/SPDT). * **R/N:** Environmental compliance indicators (e.g., RoHS compliant).
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the W2PE-11Z-R/N?
    • ⤷ What are the physical dimensions of the switch for PCB layout?
    • ⤷ Are there different lever options (e.g.
    • ⤷ roller vs. straight) for this model?