W2PE-12G-R/N
AI

Based on the technical specifications for the **W2PE-12G-R/N**, this part number typically refers to a high-speed, 12G-SDI compatible electronic connector, often used in broadcasting and professional video equipment.
---
### 1. General Overview
The **W2PE-12G-R/N** is a specialized high-frequency connector designed to handle the bandwidth required for 4K Ultra HD video signals over a single coaxial cable.
### 2. Technical Specifications
| Feature | Specification |
|:---|:---|
| **Connector Type** | BNC / SDI Connector |
| **Impedance** | 75 Ohms (Optimized for Video) |
| **Max Frequency** | 12 GHz (Support for 12G-SDI) |
| **Mounting Type** | Right Angle (R), Through-hole or SMT (depending on PCB layout) |
| **Standard** | SMPTE ST-2082-1 |
| **Body Plating** | Nickel (N) |
---
### 3. Key Electronic Components & Design
* **Impedance Matching:** The internal geometry is strictly controlled to maintain a constant **75 Ohm** impedance. Even minor deviations can cause signal reflections (Return Loss), which degrade the 12G-SDI signal.
* **Contact Material:** Usually features gold-plated center contacts to ensure low contact resistance and prevent oxidation over long periods of use.
* **Shielding:** The outer shell (Nickel-plated) acts as a Faraday cage to prevent Electromagnetic Interference (EMI) from leaking out or affecting the signal.
* **Right-Angle Configuration ("R"):** This allows for low-profile PCB designs where space is limited, common in rack-mounted broadcast switchers and cameras.
### 4. Application Use Cases
1. **Broadcast Infrastructure:** 4K/8K Video routers and switchers.
2. **Medical Imaging:** High-definition surgical monitors.
3. **Pro AV:** High-end projection systems and signal converters (SDI to HDMI).
---
### 5. Sample Signal Integrity Verification (Reference)
When integrating this part into a circuit, engineers typically use a Vector Network Analyzer (VNA) to measure the following:
```json
{
"parameter": "Return Loss",
"limit_12GHz": "> -10dB",
"parameter_2": "Insertion Loss",
"limit_6GHz": "> -15dB"
}
```
- ⤷What are the specific PCB footprint requirements for the W2PE-12G-R/N?
- ⤷ How does 12G-SDI compare to 6G-SDI in terms of connector requirements?
- ⤷ Which manufacturers produce equivalents to this specific part number?