W2PE-15WC-R2
AI

The **W2PE-15WC-R2** is a high-performance, compact **AC/DC Power Module** (often categorized as an encapsulated power supply). It is designed to convert high-voltage AC input into a stabilized DC output, typically used in industrial automation, IoT devices, and telecommunications.
### 1. Key Technical Specifications
The "15WC" in the part number generally indicates a **15-Watt** power rating.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 85V AC – 264V AC (Universal) or 100V – 370V DC |
| **Output Power** | 15 Watts |
| **Output Voltage** | Usually available in 5V, 12V, or 24V DC variants |
| **Efficiency** | >80% (Typical) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Isolation** | 3000V AC or higher (Input to Output) |
---
### 2. Internal Electronic Architecture
The module operates as a **Switch-Mode Power Supply (SMPS)**. Internally, it consists of several critical stages:
1. **Input Filter & Protection:** Contains an EMI filter to reduce noise and a MOV (Metal Oxide Varistor) to protect against voltage surges.
2. **Rectification & Filtering:** High-voltage diodes convert AC to pulsating DC, which is then smoothed by a high-voltage electrolytic capacitor.
3. **PWM Controller & MOSFET:** The "brain" of the unit. It switches the DC current at high frequencies (kHz) into a transformer.
4. **High-Frequency Transformer:** Provides galvanic isolation and steps down the voltage.
5. **Output Rectification & Smoothing:** Uses Schottky diodes and low-ESR capacitors to provide a clean DC output.
6. **Feedback Loop:** Uses an **Optocoupler** to send voltage information back to the controller to maintain a steady output regardless of load changes.
---
### 3. Key Features and Protections
The **R2** suffix often denotes a specific revision or improved efficiency/thermal performance.
* **Short Circuit Protection (SCP):** Automatically shuts down or limits current during a short.
* **Over-Current Protection (OCP):** Prevents damage if the connected device draws more than 15W.
* **Over-Voltage Protection (OVP):** Clamps the output to prevent damaging sensitive downstream electronics.
* **Compact Footprint:** Encapsulated in a plastic resin case to protect against dust, moisture, and vibration.
---
### 4. Implementation Example
Below is a conceptual representation of how this part is integrated into a PCB design.
```cpp
// Typical Hardware Integration Notes:
// 1. Ensure 5mm clearance between AC traces and DC traces for safety.
// 2. Add an external fuse (T2A/250V) on the AC Input Line.
// 3. Optional: Add a 10uF electrolytic + 0.1uF ceramic capacitor
// at the output pins to further reduce ripple noise.
```
- ⤷
What are the specific output voltage options for the W2PE-15WC series?
- ⤷ What is the operating temperature range for this power module?
- ⤷ How does the 'R2' version differ from the original R1 version in terms of efficiency?