W2PE-1AE-R2/UL
AI

The **W2PE-1AE-R2/UL** is a specific model of an **Industrial Toggle Switch** (commonly used in heavy-duty machinery and control panels). Below is a detailed breakdown of its electronic specifications and features.
---
### 1. General Specifications
The part number indicates a high-performance, panel-mounted toggle switch designed for industrial durability.
| Component Feature | Specification |
| :--- | :--- |
| **Type** | Toggle Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | ON - OFF |
| **Current Rating** | Typically 15A - 20A (depending on voltage) |
| **Voltage Rating** | 125VAC / 250VAC |
| **Mounting Type** | Panel Mount (Nut and Washer) |
| **Certification** | UL Recognized (indicated by the /UL suffix) |
---
### 2. Detailed Technical Parts Breakdown
#### **A. Actuator and Lever**
* **Material:** Usually a chrome-plated brass or high-grade metal alloy.
* **Design:** Heavy-duty bat-style handle for ease of operation with gloved hands.
#### **B. Contact Mechanism**
* **Material:** Silver-plated copper or silver-cadmium oxide. Silver is used to ensure high conductivity and to resist arcing under high-load switching.
* **Spring System:** Uses a "Wiping" contact design, which helps clear oxidation from the contact surface every time the switch is toggled.
#### **C. Housing and Insulation**
* **Material:** Thermoset Phenolic or Polycarbonate base.
* **Resistance:** Designed for high dielectric strength to prevent electrical tracking (arcing across the surface).
#### **D. Termination (Wiring Connection)**
* **Style:** Screw Terminals (indicated by the -R2 variant).
* **Function:** Allows for secure mechanical connections of wires (usually ring or spade terminals), essential in high-vibration environments.
---
### 3. Key Differentiators
* **Environmental Protection:** The "W" prefix often refers to "Weather-resistant" or "Waterproof" sealing (O-rings) inside the bushing to prevent moisture from entering the electronics.
* **UL Approval:** The `/UL` ensures the switch meets Underwriters Laboratories safety standards for fire safety and electrical load management in North America.
### 4. Common Applications
1. **Industrial Machinery:** Power cut-off switches for motors.
2. **Marine Equipment:** Navigation lights or bilge pumps (due to environmental sealing).
3. **Automotive/Transport:** Auxiliary light controls or hydraulic controls.
- ⤷
What are the specific environmental ratings (like IP67) for this switch?
- ⤷ What is the mechanical life expectancy (number of cycles) for the W2PE series?
- ⤷ Can this switch be used for DC applications
- ⤷ and if so
- ⤷ what is the amp rating?