W2PE-1FE-R/CE
AI

The **W2PE-1FE-R/CE** is a specialized industrial networking component, typically identified as a **Fiber Optic Media Converter** or an **Industrial Ethernet-to-Fiber Bridge**. These devices are designed to extend Ethernet signals over long distances using fiber optics while maintaining reliability in harsh environments.
---
## 1. Technical Specifications Overview
Below is a breakdown of the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Interface (Copper)** | 1x 10/100Base-TX (RJ45) |
| **Interface (Fiber)** | 1x 100Base-FX (Typically SC or ST Connector) |
| **Data Rate** | Fast Ethernet (100 Mbps) |
| **Fiber Mode** | Single-mode (R-suffix often denotes Long Range/Reach) |
| **Input Voltage** | Typically 12V - 48V DC (Industrial grade) |
| **Mounting** | DIN-Rail or Wall Mount |
---
## 2. Core Electronic Components
The internal architecture of the W2PE-1FE-R/CE consists of several critical subsystems:
### A. The Ethernet PHY (Physical Layer)
The heart of the copper interface. It handles the encoding and decoding of electrical signals coming from the RJ45 port. It supports **Auto-MDI/MDI-X**, meaning it can automatically detect if a straight-through or crossover cable is being used.
### B. Optical Transceiver (TOSA/ROSA)
* **TOSA (Transmitter Optical Sub-Assembly):** Converts electrical data into light pulses (Laser or LED).
* **ROSA (Receiver Optical Sub-Assembly):** A photodiode that converts incoming light pulses back into electrical signals.
* **The "R" Suffix:** In this specific model, "R" often signifies **Receive** functionality or **Extended Range**, utilizing a high-sensitivity photodiode for long-distance transmissions (up to 20km or more).
### C. Power Management Circuitry
Unlike consumer-grade converters, this unit features:
* **Voltage Regulation:** To stabilize fluctuating DC input.
* **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) to protect against electromagnetic interference (EMI) and power spikes common in factories.
### D. Media Converter Controller (ASIC)
A dedicated chip that manages the "bridge" between the two different physical mediums. It ensures low latency and performs **Link Fault Pass-Through (LFP)**, which shuts down the copper link if the fiber link fails, alerting the network administrator.
---
## 3. Industrial Features (CE Rating)
The **CE** suffix indicates compliance with European Union health, safety, and environmental protection standards. In the context of electronic parts, this ensures:
1. **Electromagnetic Compatibility (EMC):** The device does not interfere with other electronics.
2. **Low Voltage Directive:** Guaranteed safety regarding the electrical insulation and power handling.
---
- ⤷
What is the maximum distance supported by the fiber interface on this model?
- ⤷ Does the W2PE-1FE-R/CE support Power over Ethernet (PoE)?
- ⤷ How do I configure the Link Fault Pass-Through (LFP) via DIP switches?