W2PE-1GD-R2/CE
AI

Based on the provided part number **W2PE-1GD-R2/CE**, this component is an industrial-grade **Half-Slim Solid State Drive (SSD)** manufactured by **Innodisk**. It belongs to the W2PE series, which is designed for embedded systems and industrial applications where space is limited but high reliability is required.
---
## Technical Specifications & Features
The following table breaks down the primary electronic and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | MO-297 (Half-Slim) |
| **Interface** | PATA (IDE) 44-pin |
| **Capacity** | 1 GB |
| **Flash Type** | SLC (Single Level Cell) |
| **Control IC** | ID101 / ID106 (Innodisk Proprietary) |
| **Input Voltage** | +5V DC ± 5% |
| **Power Consumption** | Max 250mA |
| **MTBF** | > 3,000,000 Hours |
| **Operating Temp** | 0°C to +70°C (Standard Grade) |
---
## Electronic Components Analysis
### 1. Storage Architecture (SLC Flash)
The "1GD" in the part number signifies a **1 Gigabyte** capacity using **SLC (Single Level Cell)** NAND flash.
* **Durability:** SLC stores only 1 bit per cell, leading to significantly higher program/erase (P/E) cycles compared to MLC or TLC.
* **Reliability:** It is the electronic standard for mission-critical industrial systems due to its low error rate and high temperature tolerance.
### 2. Interface (PATA/IDE)
Unlike modern SATA drives, this part uses the **PATA (Parallel ATA)** interface.
* **Connector:** 44-pin header that carries both data and power.
* **Compatibility:** Designed for legacy industrial motherboards or embedded PC/104 modules that do not support SATA.
### 3. Integrated Features
* **ECC (Error Correction Code):** Built-in hardware ECC engine to ensure data integrity during transmission.
* **Wear Leveling:** Sophisticated algorithms to ensure that write cycles are distributed evenly across the flash cells to prevent premature failure.
* **S.M.A.R.T Support:** Monitoring electronic health parameters (remaining life, temperature, etc.).
---
## Part Number Decoder
Understanding the specific nomenclature of the **W2PE-1GD-R2/CE**:
* **W2PE**: The series identifier (Industrial PATA Half-Slim).
* **1GD**: 1 Gigabyte capacity.
* **R2**: Revision number for the internal PCB/Firmware design.
* **CE**: Typically denotes compliance with European safety/EMC standards (Conformité Européenne).
---
- ⤷
What are the differences between SLC and MLC flash in industrial SSDs?
- ⤷ Does this model support 'iData Guard' for power loss protection?
- ⤷ What are the physical dimensions of the MO-297 form factor?