W2PE-1GZ-R2
AI

The **W2PE-1GZ-R2** is a high-performance industrial-grade embedded controller module, typically associated with Advantech’s line of SOM (System On Module) or industrial PC components. It is designed to provide robust computing power and connectivity in space-constrained environments.
---
### Core Specifications and Electronic Components
The "W2PE" series usually denotes a specific configuration of an **SOM-6867** or similar architecture. Below is a breakdown of the typical electronic sub-systems found in this part:
| Component Type | Description | Key Features |
| :--- | :--- | :--- |
| **Processor (CPU)** | Intel Atom / Celeron / Pentium (Bay Trail/Apollo Lake) | Low power consumption (TDP 6W-12W) with integrated graphics. |
| **Memory (RAM)** | DDR3L or DDR4 SODIMM | Usually supports 1.35V low-voltage modules for thermal efficiency. |
| **Ethernet Controller** | Intel i210/i211 Series | Support for 10/100/1000 Mbps with PXE boot capabilities. |
| **I/O Controller** | Super I/O Chipset | Manages legacy ports like RS-232/422/485, GPIO, and Watchdog timers. |
| **Storage Interface** | SATA III & mSATA | High-speed data transfer for SSDs or HDD storage. |
---
### Key Technical Characteristics
#### 1. Power Management
The unit features a wide-range power input capability, typically supporting **12V DC input**. It utilizes high-quality solid capacitors and power inductors to handle the "dirty" power often found in industrial automation environments.
#### 2. Thermal Design
The "R2" suffix often denotes a specific revision that improves heat dissipation. The module uses a copper-core heat spreader or a passive heatsink interface to transfer heat from the CPU to the chassis.
#### 3. Signal Integrity and Expansion
The board utilizes high-density connectors (such as COM Express type connectors) to interface with a carrier board. This allows for:
* **PCIe Lanes:** For high-speed expansion cards.
* **USB 3.0/2.0:** Multiple ports for peripheral connectivity.
* **Display Interfaces:** Supports HDMI, DisplayPort, and LVDS for industrial panels.
---
### Typical Applications
Due to its rugged electronic design, the W2PE-1GZ-R2 is commonly used in:
* **Industrial Automation:** Controlling robotic arms or PLC systems.
* **Medical Imaging:** Low-noise power circuitry makes it ideal for sensitive diagnostic equipment.
* **Digital Signage:** Capable of driving multiple high-resolution displays simultaneously.
- ⤷
What are the specific pinout differences for the R2 revision?
- ⤷ Does this module support fanless operation in high-temperature environments?
- ⤷ Which carrier boards are compatible with the W2PE-1GZ-R2?