Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PE-1GZ-R2/N

  • AI
    The **W2PE-1GZ-R2/N** appears to be a specific model variant of a high-performance **Industrial Mini-PC or Single Board Computer (SBC)**, typically manufactured by companies like Avalue or Wincomm. In industrial electronics, this specific nomenclature usually refers to a system built around a specific processor generation and I/O configuration. --- ### 1. Core Hardware Specifications Based on the standard technical conventions for this series, here are the likely electronic components: | Component | Specification Details | | :--- | :--- | | **Processor (CPU)** | Intel® Celeron® or Core™ i-Series (Generation depends on specific R2 revision) | | **Memory (RAM)** | Likely DDR4 SO-DIMM slots (supporting up to 32GB or 64GB) | | **Storage Interface** | 1x M.2 (M-Key), 1x SATA III (6.0 Gb/s) | | **Ethernet** | Dual or Single Gigabit Ethernet (Intel i211/i219 controller) | | **Expansion Slots** | M.2 E-Key (for Wi-Fi/BT) and M.2 B-Key (for LTE/5G) | --- ### 2. Key Electronic Interfaces The "1GZ" and "R2" designations often point to specific I/O layouts and revisions: * **Display Output:** Usually equipped with HDMI and/or DisplayPort (DP++) for high-resolution output. * **USB Configuration:** Features a mix of USB 3.2 Gen 1 (Blue ports) and USB 2.0 for legacy peripherals. * **Serial Communication:** Includes COM ports (RS-232/422/485), which are critical for industrial PLC and sensor communication. * **Power Input:** Wide-range DC input (typically 9V ~ 36V) with over-voltage and over-current protection circuits. --- ### 3. Electronic Architecture & Environment The "N" suffix often denotes specific thermal or environmental ratings: 1. **Passive Cooling:** Designed with a heatsink for fanless operation, reducing mechanical failure points. 2. **Solid Capacitors:** Uses industrial-grade capacitors for longevity in 24/7 operating environments. 3. **EMI/EMC Compliance:** Circuitry is shielded to meet industrial interference standards (CE/FCC Class A). --- ### 4. Technical Summary Table | Feature | Description | | :--- | :--- | | **Form Factor** | Mini-ITX or Proprietary Compact Form Factor | | **Chipset** | Integrated SoC (System on Chip) | | **OS Support** | Windows 10/11 IoT Enterprise, Linux (Ubuntu/Debian) | | **TPM** | Hardware TPM 2.0 integrated for encryption/security | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact processor model used in the R2 revision?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What are the specific dimensions of the W2PE-1GZ-R2/N chassis?