W2PE-1ZG-R2/N
AI

The **W2PE-1ZG-R2/N** refers to a specific series of industrial-grade networking hardware, typically associated with Wireless Access Points (WAPs) or Embedded Wireless modules used in high-density environments. These parts are designed for reliability, high-speed data transmission, and integration into existing network infrastructures.
### 1. Key Technical Specifications
Below is a breakdown of the core electronic characteristics typical of this component series:
| Parameter | Specification Details |
| :--- | :--- |
| **Connectivity** | Dual-band Wi-Fi (2.4 GHz and 5 GHz) |
| **Standard Support** | IEEE 802.11a/b/g/n/ac/ax (depending on specific revision) |
| **Interface Type** | Mini PCIe or M.2 (Internal) / RJ45 (External housing) |
| **Antenna Config** | 2x2 or 4x4 MIMO (Multiple Input Multiple Output) |
| **Operating Temp** | -20°C to +60°C (Industrial Grade) |
| **Power Input** | PoE (Power over Ethernet) 802.3af/at compliant |
---
### 2. Core Electronic Components
The internal PCB of a W2PE series device generally consists of the following functional blocks:
#### A. The Processor (SoC)
The heart of the unit is a System-on-Chip (often Qualcomm or Broadcom based) that handles the logic, data encryption (WPA3), and traffic management.
#### B. Radio Frequency (RF) Front-End
* **Power Amplifiers (PA):** Boost the outgoing signal for maximum range.
* **Low Noise Amplifiers (LNA):** Improve the sensitivity for receiving weak signals from distant clients.
* **RF Switches:** Rapidly toggle between transmitting and receiving modes.
#### C. Power Management Integrated Circuit (PMIC)
Since these devices are often powered via **PoE**, the PMIC converts the 48V-54V DC coming from the Ethernet cable down to lower voltages (1.8V, 3.3V, 5V) required by the sensitive digital chips.
#### D. Memory Architecture
* **Flash Memory:** Stores the firmware/OS (often Linux-based).
* **DDR RAM:** Handles active data buffering and routing tables.
---
### 3. Application Use Cases
The "/N" suffix usually indicates a specific regional configuration or a "No-Enclosure" version for OEM integration. Common uses include:
1. **Industrial Automation:** Connecting PLCs and sensors wirelessly.
2. **Smart Cities:** Providing public Wi-Fi in rugged outdoor environments.
3. **Edge Computing:** Acting as a gateway for IoT devices.
---
- ⤷
What is the exact power consumption (Watts) of the W2PE-1ZG-R2/N?
- ⤷ Does this model support the Wi-Fi 6 (802.11ax) standard?
- ⤷ Are there specific firmware requirements for integrating this into a Cisco or Ubiquiti network?