W2PE-50D-R/UL
AI

## Overview of W2PE-50D-R/UL
The **W2PE-50D-R/UL** is a high-performance industrial cooling fan manufactured by **Wibond** (often associated with specialized cooling solutions). It is designed for thermal management in server racks, industrial control panels, and power supplies where high airflow and reliability are critical.
---
### Technical Specifications
The following table summarizes the primary electronic and mechanical characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | ~30W - 40W (Model dependent) |
| **Speed** | High-speed (Typically 2500 - 3000 RPM) |
| **Bearing Type** | Dual Ball Bearing |
| **Certification** | UL Recognized (E-file standards) / CE |
| **Housing Material** | Die-cast Aluminum |
| **Impeller Material** | Thermoplastic (PBT) / UL 94V-0 Rated |
---
### Key Electronic Components & Features
#### 1. Shaded Pole or Capacitor-Run Motor
The unit typically utilizes a **Single Phase AC Motor**.
* **Winding Insulation:** Class B or Class F insulation to handle high temperatures.
* **Protection:** Impedance protected or thermally protected to prevent burnout if the rotor is locked.
#### 2. Dual Ball Bearing System
Unlike sleeve bearings, the "R" designation often implies a robust bearing system designed for:
* **Longevity:** L10 life expectancy of approximately 50,000 to 70,000 hours.
* **Mounting:** Can be mounted in any orientation (horizontal, vertical, or angled) without losing efficiency.
#### 3. Lead Wire / Termination
The **"UL"** suffix indicates that the wiring and internal components meet Underwriters Laboratories safety standards.
* **Wires:** Typically 22 AWG or 24 AWG, UL1007 or UL1015 rated.
* **EMI Suppression:** Often includes internal circuitry to minimize electromagnetic interference with neighboring sensitive electronics.
#### 4. Safety and Environmental Features
* **Dielectric Strength:** Tested to withstand high AC voltage (usually 1500V AC for 1 minute) between the frame and terminals.
* **RoHS Compliance:** Free from hazardous substances like Lead and Mercury.
---
### Application Use Cases
1. **Server Enclosures:** Constant high-volume air exchange.
2. **CNC Machinery:** Cooling the electronic control boards and spindles.
3. **UPS Systems:** Dissipating heat from large power transformers and capacitors.
- ⤷
What is the exact CFM (Cubic Feet per Minute) airflow rating for the W2PE-50D-R/UL?
- ⤷ How does the 'R' suffix specifically differ from the standard W2PE-50D model?
- ⤷ Are there DC-powered alternatives with similar dimensions for battery-backed systems?