AI

The **W2PE-52G-R2/UL** is a specialized electronic component, typically categorized as a high-density, high-performance **PCIe interface adapter** or a **Golden Finger edge connector extension**. These parts are frequently used in industrial computing, server backplanes, and testing environments.
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Interface Type** | PCIe (Peripheral Component Interconnect Express) |
| **Lane Configuration** | Typically x16 or x8 physical compatibility |
| **Compliance** | UL (Underwriters Laboratories) Certified |
| **Material** | High-temp FR4 PCB / Gold-plated contacts |
| **Function** | Signal extension / Interface conversion |
| **Operating Voltage** | 3.3V / 12V (Standard PCIe Bus) |
---
### 2. Electronic Composition
The "R2" in the part number often signifies a specific hardware revision, while the "UL" indicates it meets strict safety standards for flammability and electrical insulation.
#### A. The PCB (Printed Circuit Board)
* **Impedance Control:** The board is designed with controlled differential impedance (typically 85Ω or 100Ω) to ensure high-speed data integrity for PCIe Gen 3 or Gen 4 signals.
* **Trace Routing:** Uses high-frequency copper traces to minimize signal attenuation and crosstalk between lanes.
#### B. The Golden Finger (Edge Connector)
* **Plating:** Features hard gold plating (usually 30μ") over nickel. This ensures low contact resistance and durability for multiple insertion/removal cycles.
* **Pinout:** Adheres to standard PCIe pin assignments, providing power (12V, 3.3V), ground (GND), and differential pairs (REFCLK, PER, PET).
#### C. Passive Components
Most "PE" (PCIe Extension) parts include surface-mount devices (SMD) to stabilize the signal:
* **Decoupling Capacitors:** Small ceramic capacitors used to filter noise from the power rails.
* **AC Coupling Capacitors:** Required on the transmitter (TX) lines to prevent DC offsets between the host and the peripheral.
---
### 3. Common Applications
1. **Industrial Servers:** Used to extend the reach of a motherboard slot to a riser card or specialized daughterboard.
2. **Hardware Testing:** Acting as a "wear-out" adapter so that the expensive motherboard socket is not damaged during repetitive testing.
3. **Space Management:** Allowing for horizontal mounting of GPUs or NICs in 1U or 2U rackmount chassis.
---
- ⤷What is the maximum data transfer rate supported by the W2PE-52G-R2/UL?
- ⤷ Does this component require specific drivers or is it transparent to the OS?
- ⤷ What are the specific dimensions of the W2PE-52G-R2/UL board?