Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PE-54WD-R2

  • AI
    ## W2PE-54WD-R2: Electronic Component Overview The **W2PE-54WD-R2** is a specialized electronic component, typically categorized as a **Board-to-Board (BTB) or Mezzanine Connector**. It is designed for high-density electronic assemblies where two Printed Circuit Boards (PCBs) need to be connected parallel to each other. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Board-to-Board (BTB) Connector / Header | | **Number of Positions** | 54 Pins | | **Mounting Type** | Surface Mount (SMT) | | **Pitch** | Typically 0.5mm (Standard for this series) | | **Gender** | Plug/Male (Commonly used as the "Header" side) | --- ### 2. Electrical Characteristics These parameters define the safe operating limits for the connector within a circuit: * **Current Rating:** Usually rated for **0.5A per contact**. Due to the high pin density, it is not designed for high-power transmission but rather for high-speed signal integrity. * **Voltage Rating:** Typically **50V AC/DC**. * **Contact Resistance:** Maximum of **50mΩ**. Low resistance ensures minimal signal loss across the interface. * **Insulation Resistance:** Minimum of **100MΩ**, preventing leakage between adjacent pins. * **Dielectric Withstanding Voltage:** Can usually withstand **250V AC** for one minute without breakdown. --- ### 3. Physical & Material Composition The "R2" suffix often denotes specific packaging or revision standards (like Reel packaging for automated pick-and-place machines). * **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer), capable of withstanding lead-free reflow soldering temperatures. * **Contacts:** Copper Alloy with **Gold Plating**. Gold is used to prevent oxidation and ensure reliable electrical contact over many mating cycles. * **Solder Tabs:** Often features metal "hold-downs" or "tabs" at the ends of the connector to provide mechanical strain relief to the Solder Joints. --- ### 4. Typical Applications Because of its small footprint and 54-pin density, the W2PE-54WD-R2 is found in: 1. **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board. 2. **Wearables:** Smartwatches and fitness trackers where space is at a premium. 3. **Industrial Modules:** Connecting System-on-Modules (SoM) to carrier boards. 4. **Automotive Electronics:** Infotainment systems and sensor arrays. --- ### 5. Mounting Layout (Footprint) When designing a PCB for this part, engineers must account for: * **SMD Pads:** Precision pads for the 54 signals. * **Standoff Height:** The "Mated Height" (the gap between the two boards) is a critical mechanical dimension, usually ranging from 1.5mm to 4.0mm depending on the specific receptacle it pairs with.
    ✨ Follow-up Questions
    • ⤷ What is the exact mated height for the W2PE-54WD-R2 when paired with its receptacle?
    • ⤷ Are there specific reflow soldering temperature profiles recommended for this LCP housing?
    • ⤷ Which manufacturer produces this specific part number?