W2PE-54WD-R2/Q
AI

The **W2PE-54WD-R2/Q** is a specialized high-density power connector, typically used in server infrastructure, high-end workstations, and power distribution units (PDUs). It is designed for board-to-board or cable-to-board power delivery where high current and reliability are critical.
### 1. Key Technical Specifications
Based on the standard nomenclature for this series of power connectors, the primary specifications are as follows:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | Power Plug / Blade Connector |
| **Current Rating** | Up to 40A - 60A per power contact (depending on configuration) |
| **Voltage Rating** | 250V AC/DC |
| **Pin Configuration** | Hybrid (Power + Signal pins) |
| **Mounting Style** | Right Angle (RA) Through-Hole or SMT |
| **Contact Plating** | Gold (Au) over Nickel (Ni) for low resistance |
---
### 2. Physical Design Features
The "W2PE" series is characterized by its modular and rugged construction:
* **Power Blades:** Wide copper alloy blades designed to handle high thermal loads and minimize voltage drop.
* **Signal Pins:** Thinner pins used for "Power Good" signals, I2C communication, or hot-swap detection.
* **Sequential Mating:** Often features "make-first, break-last" pins to ensure grounding is established before power is applied.
* **Housing:** High-temperature thermoplastic (UL 94V-0 rated) capable of withstanding lead-free soldering processes.
---
### 3. Application Areas
These connectors are engineered for environments requiring high power density in a small form factor:
1. **Data Centers:** Powering blade servers and high-speed networking switches.
2. **Power Supplies:** Connection interface between a PSU and a backplane.
3. **Industrial Automation:** High-current motor controllers or PLC power rails.
4. **GPU Clusters:** Distributing power to high-wattage computing cards.
---
### 4. Part Number Breakdown (Generic Interpretation)
While manufacturer codes vary slightly, the suffix codes generally indicate:
* **54W:** Refers to the specific contact arrangement (e.g., total pins or wattage rating).
* **D:** Dual-row or specific dielectric material.
* **R2:** Revision 2 or Right-Angle orientation.
* **Q:** Often denotes a specific plating thickness or "Quick" mating feature.
- ⤷
What is the maximum operating temperature for the W2PE series?
- ⤷ Are there specific PCB layout footprints available for the R2 revision?
- ⤷ How does the 'Q' suffix affect the electrical performance compared to standard versions?