Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PE-5AZ-R

  • AI
    The **W2PE-5AZ-R** is a specific electronic component, typically categorized as a **Terminal Block Connector** or a **Pluggable Header**, often associated with industrial automation and control systems (commonly used by brands like Dinkle or similar manufacturers). Below is a breakdown of its technical specifications and electronic properties. --- ### 1. General Specifications This part is designed for PCB (Printed Circuit Board) mounting, providing a reliable interface for connecting external wiring to an internal circuit. | Feature | Description | | :--- | :--- | | **Product Type** | Pluggable Terminal Block (Header) | | **Pitch** | 5.08 mm (Standard industrial spacing) | | **Number of Poles** | 5 Pins (Positions) | | **Orientation** | Right-Angle (Horizontal to the PCB) | | **Mounting Type** | Through-Hole Soldering | --- ### 2. Electrical Characteristics These parameters define the safety and performance limits of the component within an electronic circuit. * **Voltage Rating:** Generally rated for **300V** (UL standards). * **Current Rating:** Typically supports up to **15A - 18A**. * **Insulation Resistance:** > 500MΩ at DC 500V. * **Dielectric Strength:** Capable of withstanding 2000V AC for one minute without breakdown. --- ### 3. Material Composition The materials are chosen for thermal stability and electrical conductivity. * **Housing:** High-temperature plastic (often Polyamide/PA66), usually UL94V-0 rated for flame retardancy. * **Solder Pins:** Copper alloy with **Tin (Sn) plating** to prevent oxidation and ensure easy soldering. * **Color:** Usually Green (standard for industrial pluggables). --- ### 4. Part Number Breakdown (W2PE-5AZ-R) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **W2PE** | Series designation (Pluggable Header) | | **5** | Number of contacts (5 poles) | | **A** | Design variant or pitch indicator (5.08mm) | | **Z** | Closed-side (Shrouded) version to prevent incorrect plugging | | **R** | Right-angle orientation | --- ### 5. Application Use Cases * **PLCs:** Connecting sensors or actuators to a Programmable Logic Controller. * **Power Supplies:** Providing a removable power input/output interface. * **Industrial Controls:** Used in motor drives and relay modules where field wiring must be easily disconnected for maintenance.
    ✨ Follow-up Questions
    • ⤷ What is the mating connector part number for the W2PE-5AZ-R?
    • ⤷ Can this connector be used in high-temperature reflow soldering processes?
    • ⤷ What are the mechanical torque limits for the mating plug?