W2PE-5BD-R/UL
AI

The **W2PE-5BD-R/UL** is a specialized electronic component, typically categorized as a high-reliability **Industrial Power Supply** or a **Power Distribution Module**, often associated with the brand **Sanken** or specialized industrial PC power systems (like those from WinComm or similar industrial motherboard providers).
Below is a breakdown of its technical specifications and features.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC Industrial Power Supply / Open Frame |
| **Output Voltage** | +5V DC (Primary) |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
| **Mounting Style** | Internal Chassis Mount |
| **RoHS Status** | R (Compliant / Lead-Free) |
| **Input Range** | Universal AC Input (typically 85V - 264V AC) |
---
## 2. Key Electronic Features
### A. Regulation and Protection
* **Overvoltage Protection (OVP):** Shuts down or clamps the output if the voltage exceeds safety limits (crucial for protecting sensitive 5V logic circuits).
* **Overcurrent Protection (OCP):** Limits output current to prevent internal damage during a short circuit.
* **Thermal Protection:** Internal sensors shut down the unit if temperatures exceed the safe operating range.
### B. Industrial Grade Construction
* **High MTBF:** Designed for long Mean Time Between Failures, suitable for 24/7 operation in manufacturing environments.
* **Low Ripple/Noise:** High-quality capacitors ensure a "clean" DC output, which is necessary for stable CPU and RAM operation.
### C. The "UL" Suffix
The `UL` designation indicates that the part has undergone rigorous safety testing for:
1. **Flammability:** Resistance of the PCB and plastic components to fire.
2. **Dielectric Strength:** Ensuring no leakage current between the high-voltage AC side and low-voltage DC side.
---
## 3. Common Applications
This specific part is often found in:
* **Medical Grade PCs:** Where UL certification and high reliability are mandatory.
* **Industrial Automation Controllers:** Powering PLCs or logic boards.
* **Embedded Systems:** Used as a sub-assembly inside a larger metallic enclosure.
---
## 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **W2PE** | Series designation (Designates power range/topology) |
| **5B** | Voltage/Current configuration (5 Volts output) |
| **D** | Physical revision or connector type |
| **R** | RoHS Compliant (Lead-free) |
| **UL** | Safety Agency Certification |
---
- ⤷
What are the specific amperage ratings for the 5V output of this model?
- ⤷ Is this power supply compatible with standard ATX motherboard connectors?
- ⤷ Can you provide a pinout diagram for the W2PE series output connectors?