W2PP-119N-R2/N
AI

The **W2PP-119N-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a similar passive magnetic component, often found in power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
These components are designed for high-efficiency DC-DC conversion and power filtering.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor / Wire-wound SMD |
| **Inductance** | Values vary by specific suffix, but the "119" series often refers to specific physical dimensions. |
| **Core Material** | Ferrite or Metal Composite (for high saturation) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Usually Magnetic Shielded (to reduce EMI) |
---
### 2. Part Number Breakdown
While manufacturer naming conventions vary slightly, the code typically breaks down as follows:
* **W2PP**: Series identifier (often associated with high-current power inductors).
* **119**: Dimensional code (Length/Width/Height ratio).
* **N**: Tolerance indicator (commonly ±30%).
* **R2**: Revision code or specific Inductance value (e.g., 0.22µH or Revision 2).
* **N**: Packaging or Lead-Free (RoHS) indicator.
---
### 3. Key Electronic Characteristics
#### A. Power Handling
These parts are engineered to handle high **Saturation Currents ($I_{sat}$)**. This is the point where the inductance drops by a specific percentage (usually 30%) due to the magnetic field strength.
#### B. DC Resistance (DCR)
The W2PP series focuses on low DCR. Lower resistance ensures:
* Minimal heat generation.
* Higher efficiency in voltage regulator modules (VRMs).
* Better battery life in portable electronics.
#### C. EMI Suppression
Due to the shielded construction (often a resin-based magnetic powder or a ferrite drum core with a sleeve), these parts prevent electromagnetic interference from affecting neighboring components on the PCB.
---
### 4. Common Applications
The W2PP-119N-R2/N is frequently utilized in the following circuits:
1. **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
2. **Power Supplies:** Used in laptops, servers, and telecommunications equipment.
3. **LED Drivers:** Providing stable current to high-brightness LEDs.
4. **Audio Circuits:** Filtering noise in Class-D amplifiers.
---
- ⤷
What is the exact saturation current rating for the W2PP-119N-R2/N?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the physical dimensions (L x W x H) of the 119 series package?