W2PP-122R-R
AI

The **W2PP-122R-R** is a specific type of electronic hardware component, commonly identified as a **double-row, right-angle pin header**. These parts are foundational in Printed Circuit Board (PCB) design, acting as the male portion of a board-to-board or wire-to-board connection system.
---
### 1. Component Specifications
Below is a breakdown of the technical characteristics typically associated with this part number:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Pin Header (Male) |
| **Orientation** | Right-Angle (90-degree bend) |
| **Number of Rows** | 2 (Double Row) |
| **Pitch** | Usually 2.0mm or 2.54mm (check specific datasheet) |
| **Total Pins** | 22 Pins (11 pins per row) |
| **Termination** | Through-Hole (Solder) |
| **Mounting Type** | Horizontal / Side entry |
---
### 2. Key Physical Parts
The W2PP-122R-R consists of three primary physical elements:
1. **Conductive Pins:** Made of a copper alloy (like brass or phosphor bronze) and plated with **Tin** or **Gold**. These facilitate the electrical signal transfer.
2. **Insulator Body:** A high-temperature plastic (Thermoplastic, LCP, or Nylon) that holds the pins in place and prevents electrical shorts between them.
3. **Right-Angle Bend:** The pins are pre-bent at a 90-degree angle, allowing the connector to sit parallel to the PCB surface. This is ideal for slim enclosures or "daughterboard" stacking.
---
### 3. Functional Applications
This component is widely used in various electronic sectors:
* **Internal Interconnects:** Connecting two PCBs together in a "sandwich" or perpendicular configuration.
* **Ribbon Cable Interface:** Acting as the mating point for female IDC socket connectors.
* **Prototyping:** Often found on development boards (like Arduino or ESP32 shields) for peripheral expansion.
* **Industrial Controls:** Used in PLCs or modular sensors where space-saving horizontal connectivity is required.
---
### 4. Technical Drawing Reference
When looking at the part from a top-down perspective, the layout follows this logic:
```text
[ PCB Surface ]
| | |
______|__|__|______
| (Pin) (Pin) (Pin) | <-- Plastic Housing
|____________________|
| | |
L__L__L <-- Right-angle bend to exit the board edge
```
- ⤷
What is the exact pitch measurement for the W2PP series?
- ⤷ What are the gold-plating thickness options for these pins?
- ⤷ Is there a female mating connector recommended for the W2PP-122R-R?