W2PP-122R-R/N
AI

The **W2PP-122R-R/N** belongs to a series of high-precision, low-profile proximity sensors, typically used in industrial automation for non-contact object detection. These parts are often associated with brands like **Azbil (formerly Yamatake)** or similar industrial sensor manufacturers.
### 1. Technical Specifications Overview
The part number breaks down into specific electrical and mechanical characteristics. Below is a summary of the typical technical profile for this component:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Inductive Proximity Sensor |
| **Sensing Distance** | ~2.0 mm to 2.5 mm (Standard) |
| **Output Type** | NPN or PNP (Usually Open Collector) |
| **Operation Mode** | Normally Open (NO) or Normally Closed (NC) |
| **Voltage Range** | 10V to 30V DC |
| **Current Consumption** | < 10 mA |
| **Protection Rating** | IP67 (Dust tight and water immersion resistant) |
---
### 2. Key Electronic Components & Working Principle
The W2PP series utilizes several internal electronic stages to function:
1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that emanates from the sensing face.
2. **Detection Circuit (Schmitt Trigger):** When a metal object enters the field, eddy currents are induced in the target, reducing the amplitude of the oscillation. The circuit detects this "damping" effect.
3. **Output Transistor:** The "R-R/N" suffix usually denotes the switching logic.
* **NPN:** Switches the negative load (Sinking).
* **PNP:** Switches the positive load (Sourcing).
4. **LED Indicator:** Most models include a built-in LED (usually red or orange) to indicate the "Target Detected" state.
---
### 3. Wiring Configuration
The device typically uses a 3-wire system. Standard industrial color coding applies:
```yaml
Brown: +V (Positive Supply, 12-24V DC)
Blue: 0V (Ground/Common)
Black: Output Signal (Control signal to PLC or Relay)
```
### 4. Application Areas
* **Positioning:** Detecting the end-of-travel for robotic arms or CNC axes.
* **Counting:** High-speed counting of metallic parts on a conveyor belt.
* **Safety Interlocks:** Ensuring a metallic guard or door is closed before machinery starts.
---
- ⤷
What is the difference between the NPN and PNP versions of this sensor?
- ⤷ How do I mount this sensor to avoid interference from surrounding metal?
- ⤷ What is the maximum switching frequency for the W2PP series?