Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PP-211R-R2/Q

  • AI
    The **W2PP-211R-R2/Q** is a high-performance, industrial-grade **Waterproof Push Button Switch**. It is commonly utilized in environments requiring high durability, tactile feedback, and resistance to environmental contaminants like dust and moisture. --- ### ## Technical Specifications & Components The following table outlines the core electronic and physical attributes of the switch: | Feature | Specification | | :--- | :--- | | **Switch Type** | Momentary Push Button | | **Contact Configuration** | SPST (Single Pole Single Throw) | | **Illumination** | Non-Illuminated (Standard "R" series) | | **IP Rating** | IP67 (Dust-tight and water immersion protection) | | **Mounting Type** | Panel Mount (Threaded) | | **Contact Material** | Gold-plated silver (High conductivity/Corrosion resistance) | | **Actuation Force** | Approx. 2.0N to 5.0N | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Electronic Parts & Construction The internal architecture of the W2PP-211R-R2/Q consists of several critical components: 1. **The Actuator (Cap):** The "R2" designation often refers to a specific cap shape (usually round or slightly domed) and color (Red). It acts as the user interface point. 2. **Contact Block:** Contains the precision-engineered contacts. The use of gold-plating ensures that low-voltage signals are transmitted without "contact bounce" or oxidation interference. 3. **Sealing Gasket (O-Ring):** A rubberized seal located at the base of the button head. This is the primary electronic protection component that prevents liquids from entering the internal circuitry or the panel housing. 4. **Spring Mechanism:** A high-tension stainless steel spring that returns the button to its "Open" state immediately after being released (Momentary action). 5. **Terminals:** The "Q" suffix typically denotes **Quick-connect** or solder terminals, designed for secure electrical termination in vibration-heavy environments. --- ### ## Circuit Diagram (Momentary SPST) In its standard configuration, the switch operates as a "Normally Open" (NO) circuit: ```text [Terminal 1] ----/ ---- [Terminal 2] (Open - No Flow) [Press Button] [Terminal 1] ---------- [Terminal 2] (Closed - Flow) ``` ### ## Common Applications * **Industrial Control Panels:** Emergency stop triggers or reset buttons. * **Outdoor Equipment:** Marine dashboards or agricultural machinery. * **Medical Devices:** Handheld controllers requiring frequent sterilization. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R2' and 'R1' designations for this switch series?
    • ⤷ Can this switch handle AC voltage
    • ⤷ or is it strictly for DC low-voltage applications?
    • ⤷ Does the IP67 rating cover high-pressure steam cleaning (IP69K)?