AI

The **W2PP-219N-R** is a specific model of a **Mini-ITX Industrial Motherboard**, typically manufactured by Wincomm. These boards are designed for high-reliability environments such as medical workstations, industrial automation, and kiosk systems.
Below is a breakdown of its core electronic parts and technical specifications.
---
### 1. Core Processing & Chipset
The architecture is built to balance power efficiency with performance, often utilizing Intel’s mobile or embedded processor lines.
| Component | Description |
| :--- | :--- |
| **CPU Support** | Typically supports Intel Core i5/i7 (8th/9th Gen) or Celeron processors. |
| **Chipset** | Intel Q370 / H310 or similar industrial-grade PCH. |
| **Graphics** | Integrated Intel UHD Graphics via the processor. |
### 2. Memory & Storage Interface
This motherboard utilizes SODIMM slots to maintain a low profile and supports high-speed data transfer protocols.
* **RAM:** 2x DDR4 2400/2666MHz SO-DIMM slots (Up to 32GB or 64GB depending on the specific revision).
* **SATA:** 2x SATA III (6Gb/s) ports for SSD/HDD.
* **M.2 Slots:** Often includes an M.2 Key M for NVMe SSDs and an M.2 Key E for wireless modules (Wi-Fi/Bluetooth).
### 3. I/O Connectivity (Electronic Ports)
Industrial boards are characterized by their wide array of legacy and modern connectivity options.
| Port Type | Quantity/Standard |
| :--- | :--- |
| **Ethernet** | Dual Gigabit LAN (Intel i211/i219 controller). |
| **USB** | 4x USB 3.0 (External), 2x USB 2.0 (Internal headers). |
| **Video Output** | 1x HDMI, 1x DisplayPort, and often 1x LVDS/eDP for internal panel connection. |
| **Serial Ports** | Multiple RS-232/422/485 headers for industrial sensor interfacing. |
### 4. Power Management
Unlike consumer boards, the W2PP-219N-R is designed for variable power environments.
* **Input Voltage:** Wide range DC input (typically 12V to 24V DC).
* **Protection:** Over-voltage protection (OVP), Over-current protection (OCP), and TVS diodes for ESD protection on I/O ports.
### 5. Specialized Industrial Features
* **Watchdog Timer:** A hardware circuit that resets the system if the software freezes.
* **TPM 2.0:** Integrated Trusted Platform Module for hardware-based security and encryption.
* **Expansion:** 1x PCIe x16 slot for dedicated GPUs or FPGA cards.
---
### Summary Table
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Mini-ITX (170mm x 170mm) |
| **Operating Temp** | 0°C ~ 60°C (Standard) |
| **Audio** | Realtek ALC887 High Definition Audio |
| **Certification** | CE, FCC Class A, often Medical Grade (IEC-60601-1) |
- ⤷
What is the maximum power consumption (TDP) supported by this motherboard?
- ⤷ Does the W2PP-219N-R support Windows 11 TPM requirements?
- ⤷ Which specific Intel processor models are most commonly paired with this board?