W2PP-222N-R
AI

The **W2PP-222N-R** is a specific electronic component, typically categorized as a **Standard Surface Mount Power Inductor**. These parts are essential in power management circuits for filtering and energy storage.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 2.2 mH (indicated by "222") |
| **Tolerance** | ±30% (indicated by "N") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Packaging** | Tape & Reel (indicated by "R") |
| **Shielding** | Non-shielded or Semi-shielded (depending on manufacturer variant) |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix helps in identifying the exact variant:
* **W2PP**: The series designation (usually relating to the wire-wound power package).
* **222**: The inductance code. The first two digits (22) are the value, and the third digit (2) is the multiplier ($10^2$). $22 \times 100 = 2200 \mu H$ or **2.2 mH**.
* **N**: The tolerance code, representing **±30%**.
* **R**: Packaging suffix, standing for **Tape & Reel**, intended for automated pick-and-place assembly.
---
### 3. Common Applications
These inductors are designed for high-density circuits where space is limited but power efficiency is required.
* **DC-DC Converters:** Used for energy storage and voltage regulation.
* **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines.
* **Consumer Electronics:** Found in laptops, tablets, and LED drivers.
* **Decoupling:** Used to isolate specific sub-circuits from power supply noise.
---
### 4. Selection Considerations
When using the W2PP-222N-R in a design, engineers must monitor these factors:
1. **Isat (Saturation Current):** The current level at which the inductance drops by a specific percentage.
2. **Irms (Temperature Rise Current):** The DC current that causes a specific temperature rise (usually 40°C).
3. **DCR (DC Resistance):** Lower resistance is preferred to minimize power loss as heat.
- ⤷
What are the physical dimensions of the W2PP series package?
- ⤷ Can you provide the saturation current (Isat) for the 2.2mH variant?
- ⤷ What are the common alternatives to the W2PP-222N-R from other manufacturers?