Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PP-222N-R2

  • AI
    The **W2PP-222N-R2** is a specialized electronic component, typically categorized as a high-performance **RF (Radio Frequency) Power Splitter/Combiner**. It is commonly utilized in telecommunications infrastructure and wireless networking systems to manage signal distribution. --- ### 1. Key Technical Specifications Below is a breakdown of the typical parameters for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | 2-Way Power Splitter / Combiner | | **Frequency Range** | Typically wideband (e.g., 698 MHz to 2700 MHz or higher) | | **Impedance** | 50 Ohms | | **Insertion Loss** | Low (usually < 0.5 dB above theoretical 3dB split) | | **Isolation** | High (typically > 20 dB between output ports) | | **Power Rating** | High Power Handling (often 20W to 50W+) | | **Connector Type** | Often utilizes N-Type or SMA connectors (denoted by "N" in suffix) | --- ### 2. Functional Description The W2PP-222N-R2 performs two primary roles depending on its orientation in a circuit: 1. **Power Splitter Mode:** It takes a single input signal and divides it into two equal output signals. This is essential for feeding multiple antennas from a single base station. 2. **Power Combiner Mode:** It takes two separate input signals and merges them into a single output path. This is used to aggregate signals from different sources before transmission. ### 3. Physical & Design Characteristics * **Housing:** Usually encased in a rugged, weather-resistant aluminum or metal alloy housing to provide EMI shielding and durability in outdoor environments. * **Reactive vs. Resistive:** Most "W" series splitters are **reactive** splitters, meaning they use internal transmission lines to split power with minimal heat dissipation, allowing for higher power handling compared to resistive splitters. * **PIM (Passive Intermodulation):** Parts with the "-R2" or similar suffixes are often "Low PIM" rated, ensuring they do not introduce interference into high-sensitivity cellular bands. --- ### 4. Common Applications * **DAS (Distributed Antenna Systems):** Spreading cellular signals throughout large buildings or stadiums. * **Base Station Subsystems:** Dividing power between MIMO antenna arrays. * **Signal Monitoring:** Tapping a signal path to send a portion of the power to test equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the W2PP-222N-R2?
    • ⤷ How does 'Low PIM' rating affect the performance of this part?
    • ⤷ What are the mounting requirements for this component in an outdoor enclosure?