W2PP-229R-R/CE
AI

The **W2PP-229R-R/CE** is a specific model of an Industrial Panel PC, typically manufactured by **Winmate**. These devices are designed for human-machine interface (HMI) applications in demanding environments.
Below is an explanation of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The "W2PP" series generally denotes a widescreen, high-performance panel PC. Here are the primary electronic characteristics:
| Component | Description |
| :--- | :--- |
| **Display Panel** | 29-inch Widescreen (Ultra-wide aspect ratio) |
| **Resolution** | Usually 1920 x 540 (Resized/Stretched LCD) |
| **Processor (CPU)** | Intel® Core™ i5-1135G7 (Tiger Lake) or similar high-efficiency SoC |
| **Touch Technology** | PCAP (Projected Capacitive) Multi-touch |
| **Ingress Protection** | IP65 rated front bezel (Water/Dust resistant) |
| **Power Input** | 12V DC (with wide range 9-36V options depending on SKU) |
---
### 2. Key Electronic Assemblies
#### A. The Mainboard (SBC)
The heart of the unit is an industrial-grade Single Board Computer (SBC). Unlike consumer motherboards, these use:
* **Solid-state capacitors:** To handle heat and extended runtimes.
* **Low-TDP Processors:** Designed to operate without heavy active cooling to prevent dust intake.
#### B. Display & Backlight Inverter
The "229R" refers to the specific ultra-wide cut of the LCD. The electronic driving board (AD Board) is calibrated for non-standard aspect ratios, ensuring the image doesn't stretch or distort. The LED backlight driver is integrated to provide high brightness (often 500-1000 nits) for visibility in industrial lighting.
#### C. I/O Connectivity (Electronic Interfaces)
The device features a variety of electronic ports for machine communication:
* **Ethernet:** Dual RJ45 ports (Gigabit) for LAN and IoT connectivity.
* **Serial Ports:** RS232/422/485 for connecting to PLCs (Programmable Logic Controllers).
* **USB:** USB 3.0/3.2 ports for high-speed data transfer.
* **Expansion:** M.2 slots for NVMe storage and WiFi/BT electronic modules.
---
### 3. Build & Environmental Protection
The "CE" suffix confirms compliance with European Health, Safety, and Environmental protection standards.
* **EMI/EMC Shielding:** The internal electronics are shielded to prevent electromagnetic interference with other factory machinery.
* **Thermal Management:** Uses a fanless cooling design (heat sinks) to dissipate heat through the aluminum housing.
---
### 4. Summary of Model Nomenclature
While codes vary by distributor, the breakdown usually follows this logic:
* **W:** Widescreen
* **29:** 29-inch diagonal size
* **P:** PCAP Touchscreen
* **R:** Rear Mount or specific Ruggedized series
* **CE:** Certification standard
- ⤷
What are the mounting options for the W2PP-229R-R/CE?
- ⤷ Does this model support Windows 11 or Linux operating systems?
- ⤷ What is the maximum operating temperature for this industrial PC?