W2PP-311N-R2
AI

## Overview: W2PP-311N-R2
The **W2PP-311N-R2** is a specific model identifier typically associated with **Industrial Ethernet-to-Fiber Media Converters** or specialized **Power over Ethernet (PoE) Injectors/Splitters**, often manufactured by brands like *Winncom* or *KBC Networks*.
These devices are designed to facilitate high-speed data transmission over long distances using fiber optics while providing power to end devices in rugged environments.
---
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Interface Type** | 10/100/1000Base-T (RJ45) to 1000Base-X (SFP Slot) |
| **Fiber Connector** | SFP (Small Form-factor Pluggable) for flexibility |
| **Ethernet Port** | 1x RJ45 with Auto-MDI/MDI-X |
| **PoE Support** | IEEE 802.3at/af (up to 30W) |
| **Input Voltage** | 48V to 56V DC (Standard for PoE applications) |
| **Operating Temp** | -40°C to +75°C (Hardened/Industrial Grade) |
---
### Internal Electronic Components
The "R2" designation usually refers to **Revision 2**, indicating updated internal circuitry for better thermal management or chip compatibility. The main electronic blocks include:
#### 1. The PHY (Physical Layer Transceiver)
This chip manages the electrical signaling for the Ethernet port. It handles auto-negotiation, signal encoding, and collision detection.
#### 2. The Media Converter IC
The "brain" of the unit that translates data packets between the copper-based Ethernet protocol and the optical-based fiber protocol. It ensures low latency and high throughput.
#### 3. Power Management Unit (PMU)
Because this is an industrial-grade device, it features:
* **DC-DC Converters:** To step down the 48V input to the 3.3V or 1.2V required by the internal logic chips.
* **Isolation Transformers:** To protect the network from ground loops and electrical surges.
#### 4. SFP Cage and Controller
A metal shielding cage that houses the SFP module. The internal electronics interface with the SFP pins to manage laser transmission and reception signals (Tx/Rx).
---
### Typical Application Diagram
```mermaid
graph LR
A[Industrial Switch] -- Copper Cat6 --> B(W2PP-311N-R2)
B -- Fiber Optic --> C[Remote Location]
B -- PoE Out --> D[IP Camera / Wireless AP]
```
---
### Maintenance and Troubleshooting Tips
* **LED Status:** Always check the **LNK/ACT** (Link/Activity) LEDs. If the Fiber LED is off, the SFP module or the cable is likely faulty.
* **Voltage Drops:** Ensure the power supply provides at least 48V; anything lower may cause the PoE function to fail even if the data link remains active.
- ⤷
What is the maximum distance supported by the fiber interface on this model?
- ⤷ Does the W2PP-311N-R2 support Jumbo Frames for high-bandwidth video?
- ⤷ What are the specific DIN-rail mounting requirements for this unit?