W2PP-311R-R
AI

The **W2PP-311R-R** is a specific part number often associated with **optical transceivers** or specialized **interconnect components** used in high-speed data communications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
This component is typically categorized as a **SFP (Small Form-factor Pluggable)** or **QSFP** related part, designed for fiber optic communication. It converts electrical signals into optical signals (and vice versa) to facilitate long-distance data transfer with minimal loss.
### 2. Technical Specifications
The table below outlines the general technical profile for this series of parts:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Data Rate** | Up to 1.25 Gbps / 10 Gbps (Variant dependent) |
| **Wavelength** | 1310 nm / 1550 nm |
| **Connector Type** | LC Duplex or SC |
| **Supply Voltage** | 3.3V DC |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Fiber Type** | Single-Mode (SMF) or Multi-Mode (MMF) |
### 3. Key Electronic Sub-systems
The internal architecture of the W2PP-311R-R consists of several critical electronic blocks:
* **Transmitter Path:**
* **Laser Driver:** An integrated circuit (IC) that modulates the electrical input current to drive the laser diode.
* **TOSA (Transmitter Optical Sub-Assembly):** Contains the laser source (usually a DFB or VCSEL).
* **Receiver Path:**
* **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that converts incoming light back into a weak electrical current.
* **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal.
* **Limiting Amplifier:** Cleans up the signal and ensures a consistent output swing.
* **Control Logic:**
* **EEPROM:** Stores identification data (Vendor ID, Serial Number, and Compatibility codes).
* **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters like temperature, voltage, and optical power.
### 4. Application Areas
* **Ethernet Switches:** Connecting high-capacity switches in data centers.
* **Telecommunications:** Base station connectivity (LTE/5G backhaul).
* **Industrial Networking:** Robust data links in environments with high electromagnetic interference (EMI).
---
### 5. Circuit Implementation Example
When integrating this part into a PCB design, the following pinout logic is generally followed:
```c
// Example of I2C Addressing for DDM/EEPROM Access
#define SFP_EEPROM_ADDR 0xA0 // Standard address for ID information
#define SFP_DDM_ADDR 0xA2 // Standard address for diagnostic data
// Typical Monitoring Routine
void read_optical_power() {
uint16_t raw_power = i2c_read(SFP_DDM_ADDR, RX_POWER_REG);
float mw_power = raw_power * 0.0001; // Conversion factor
}
```
- ⤷
What is the maximum transmission distance for the W2PP-311R-R?
- ⤷ Is this part compatible with standard SFP+ ports?
- ⤷ What are the specific pinout differences between the transmitter and receiver sides?