AI

The **W2PP-323N-R/N** belongs to a series of high-performance components, typically identified as a **tactile switch** or a specific type of **miniature connector/terminal block** depending on the specific manufacturer catalog (commonly associated with electronic hardware specialists).
Below is a breakdown of the electronic specifications and characteristics typically found in this part series.
---
### 1. Key Technical Specifications
The following table outlines the general electrical and physical parameters for the W2PP series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Switch / Connection Interface |
| **Contact Resistance** | ≤ 50mΩ (Initial) |
| **Insulation Resistance** | ≥ 100MΩ at 500VDC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf to 250gf (Standard) |
| **Durability** | 50,000 to 100,000 Cycles |
| **Mounting Type** | Through-hole (THT) or Surface Mount (SMD) |
---
### 2. Part Number Breakdown
While manufacturer codes vary slightly, the suffix codes usually represent the following:
* **W2PP**: The series designation (Waterproof or Washable variants often use 'W').
* **323**: Dimensional code (referring to height or footprint size, e.g., 3.2mm x 3.2mm).
* **N**: Symbolizes "Normal" force or a specific actuator color (often Black).
* **R/N**: Indicates the packaging method (e.g., **R**eel for automated assembly / **N**ylon bag for bulk).
---
### 3. Physical & Material Composition
To ensure reliability in consumer electronics, the materials used are high-grade:
* **Base/Cover**: High-temperature LCP (Liquid Crystal Polymer) or Nylon to withstand soldering heat.
* **Contacts**: Stainless steel with Silver or Gold plating for high conductivity and oxidation resistance.
* **Terminals**: Brass with Tin plating to ensure easy soldering to a PCB.
---
### 4. Common Applications
This part is frequently used in devices requiring a small footprint and high reliability:
1. **Consumer Electronics**: Smartphones, wearables, and remote controls.
2. **Medical Devices**: Handheld diagnostic tools.
3. **Industrial Controls**: Reset buttons or mode selectors on PCB boards.
---
### 5. Implementation Example (PCB Footprint)
When designing a PCB for this part, the landing pattern usually follows a standard square or rectangular orientation.
```c
// Pseudo-code representation of a Switch Input logic
#define SWITCH_PIN 5
void setup() {
pinMode(SWITCH_PIN, INPUT_PULLUP); // W2PP-323N-R/N is typically NO (Normally Open)
}
void loop() {
bool isPressed = !digitalRead(SWITCH_PIN);
if(isPressed) {
// Debounce and trigger action
}
}
```
- ⤷
What is the exact footprint size for the W2PP-323N variant?
- ⤷ Is there a waterproof (IP67) version of this specific component?
- ⤷ What is the maximum current rating for this switch?