W2PP-32YN-R2/Q
AI

### W2PP-32YN-R2/Q Electronic Specifications
The **W2PP-32YN-R2/Q** is a specific part number often associated with industrial PLC (Programmable Logic Controller) expansion modules, specifically within the **LS Electric (formerly LG Industrial Systems)** ecosystem. This part belongs to the **XGT series** (XGK/XGI) and is designed for high-density digital output control.
---
### 1. Key Technical Specifications
The table below breaks down the electronic characteristics of the module:
| Parameter | Specification Details |
| :--- | :--- |
| **Output Type** | Transistor (Sink type) |
| **Output Points** | 32 Points |
| **Rated Load Voltage** | DC 12V / 24V |
| **Max. Load Current** | 0.2A per point / 2A per common |
| **Response Time** | Off → On: ≤ 1ms / On → Off: ≤ 1ms |
| **Connection Type** | 40-pin Connector (MIL-C-83503) |
| **Surge Killer** | Zener Diode |
| **Internal Power Consumption** | Approx. 100mA (DC 5V) |
---
### 2. Functional Breakdown
#### Transistor Output (Sink)
The "YN" designation typically refers to an NPN transistor output. In a **Sink** configuration:
* The output acts as a switch to the negative terminal (0V).
* The load is connected between the positive power supply and the PLC output terminal.
#### High-Density Interface
Because it supports **32 points** in a compact form factor, it does not use traditional screw terminals. Instead, it utilizes a **40-pin header**. This requires a specific connector cable (R40H or similar) to interface with a terminal block.
#### Protection Circuitry
* **Surge Suppression:** Built-in Zener diodes protect the internal transistors from inductive back-EMF (voltage spikes) caused by switching components like small relays or solenoid valves.
* **Isolation:** The internal logic circuits are optically isolated (Photocoupler) from the output terminals to prevent electrical noise from damaging the PLC CPU.
---
### 3. Wiring Configuration
To use this module, the external power supply must be connected correctly to the common pins:
1. **VCC (External DC 24V):** Provides power for the output transistor driving logic.
2. **COM (0V):** The common return path for the sink output.
3. **Output Pins:** Pins 0 through 31 on the 40-pin connector correspond to the individual logic outputs.
---
- ⤷
What is the difference between Sink and Source output types for this module?
- ⤷ Which specific terminal block and cable are recommended for the W2PP-32YN?
- ⤷ Does this module support PWM high-speed switching?