W2PP-913N-R
AI

The **W2PP-913N-R** is a specialized electronic component, specifically a **Surface Mount Device (SMD) Wire-Wound Power Inductor**. It is designed for use in power management circuits where high current handling and low resistance are critical.
---
### 1. Key Technical Specifications
Below are the typical electrical and physical characteristics associated with this series of power inductors:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor |
| **Construction** | Wire-wound / Shielded (or Semi-shielded) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Inductance Range** | Typically measured in Microhenries (µH) |
| **Tolerance** | Usually ±20% (standard for power inductors) |
| **Core Material** | Ferrite |
| **Operating Temp** | -40°C to +125°C (standard industrial grade) |
---
### 2. Physical Structure and Design
The part number follows a specific nomenclature that describes its construction:
* **Wire-Wound Design:** Uses a copper wire coiled around a ferrite core. This allows for high energy storage and low DC resistance (DCR), which minimizes heat loss.
* **Shielding:** The "P" or "PP" designation often refers to a magnetic shielding or a protective coating that reduces Electromagnetic Interference (EMI), preventing the inductor from affecting nearby sensitive components.
* **Terminations:** The "R" suffix usually indicates that the part is RoHS (Restriction of Hazardous Substances) compliant and provided in Tape & Reel packaging for automated pick-and-place machines.
---
### 3. Primary Functions and Applications
Inductors like the W2PP-913N-R serve three main roles in an electronic circuit:
1. **Energy Storage:** In DC-DC converters (Buck/Boost converters), it stores energy in a magnetic field during the switching cycle.
2. **Filtering:** It acts as a low-pass filter to smooth out ripples in output voltage and suppress high-frequency noise.
3. **Choke:** It limits the rate of change of current, protecting circuits from sudden surges.
**Common Applications:**
* Laptop and Desktop Motherboards.
* LED Lighting Drivers.
* DC-DC Converters in telecommunications.
* Battery-powered portable electronics.
---
### 4. Selection Criteria
When replacing or designing with this part, engineers look at:
* **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (e.g., 30%).
* **Irms (Root Mean Square Current):** The continuous current that causes a specific temperature rise (usually 40°C).
* **DCR (DC Resistance):** Lower DCR leads to higher efficiency and less heat.
- ⤷
What are the exact inductance and current ratings for the 913N variant?
- ⤷ Is there a specific manufacturer datasheet available for the W2PP series?
- ⤷ What is the physical footprint size (dimensions) of the W2PP-913N-R?