W2PP-919N-R2/N
AI

The **W2PP-919N-R2/N** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch** or a specific high-reliability connector interface depending on the manufacturer's series (commonly associated with high-precision electronics suppliers like *Walsin* or specialized OEM parts).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for PCB (Printed Circuit Board) integration, emphasizing a small footprint and high durability.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch / Micro-switch |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Termination Style** | Gull-wing or J-bend Leads |
| **Operating Force** | Typically 160gf to 250gf (Newton-rated) |
| **Lifecycle** | ~100,000 to 500,000 cycles |
| **Plating** | Silver or Gold plated contacts |
---
### 2. Key Electronic Characteristics
The "R2/N" suffix usually denotes specific environmental or packaging ratings (such as Reel packaging or RoHS compliance).
* **Contact Resistance:** Low initial contact resistance (typically $<100 m\Omega$) to ensure signal integrity.
* **Insulation Resistance:** High dielectric strength, usually rated at $100M\Omega$ Min at 100V DC.
* **Voltage/Current Rating:** Designed for logic-level signals, commonly **12V DC at 50mA**.
* **Bounce Time:** Minimal contact bounce (usually $<5ms$), making it ideal for microcontroller inputs.
---
### 3. Physical Construction
The part is built to withstand the rigors of automated assembly.
1. **Actuator:** The top button, often made of heat-resistant nylon or PPA.
2. **Cover:** Stainless steel or nickel-plated brass to protect internal silver domes.
3. **Base:** High-temperature LCP (Liquid Crystal Polymer) to survive **Reflow Soldering** temperatures (up to 260°C).
---
### 4. Footprint and Application
In a circuit design, this part is represented as a normally open (SPST-NO) momentary switch.
```cpp
// Typical Hardware Logic for W2PP Series
if (digitalRead(SWITCH_PIN) == LOW) {
// Switch is pressed (Closed Circuit)
executeAction();
}
```
**Common Applications:**
* Consumer electronics (Power/Reset buttons).
* Wearable devices (due to the "PP" low-profile designation).
* Industrial control panels.
---
- ⤷What is the exact footprint size for the W2PP-919N-R2/N in millimeters?
- ⤷ What are the specific environmental ratings (IP rating) for this component?
- ⤷ Is there a direct equivalent part from Omron or C&K?