W2PP-92YN-R2/Q
AI

The part number **W2PP-92YN-R2/Q** typically refers to a specialized electronic connector or mechanical fastening component, often associated with industrial electronics or automotive-grade hardware. Based on standard nomenclature for this series, it belongs to a line of high-reliability interconnects.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics for this specific series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Connector / Fastening Pin Assembly |
| **Series** | W2PP (Waterproof / Power-Plug) |
| **Material** | Copper Alloy with Tin or Nickel Plating |
| **Pitch / Size** | 0.92mm - 2.0mm (Varies by sub-family) |
| **Current Rating** | High-density signal or low power |
| **Operating Temperature** | -40°C to +105°C |
| **Termination Style** | Solder or Crimp |
### 2. Part Number Breakdown
While specific manufacturers (like Yazaki, Sumitomo, or specialized industrial brands) use unique codes, the suffixing usually indicates:
* **W2PP**: The core series identifier (often indicating a waterproof or "wire-to-pin" configuration).
* **92YN**: Indicates the specific housing geometry or the number of positions/contacts (often 92-series spacing).
* **R2**: Refers to the revision level or the packaging type (e.g., Reel type 2).
* **Q**: Quality designation, often indicating **AEC-Q100/Q200** compliance (Automotive Grade).
### 3. Common Applications
Due to the robust nature of the "W" series connectors, they are frequently found in:
1. **Automotive ECU Interconnects**: Connecting sensors to the main engine control unit.
2. **Industrial Automation**: Used in environments where vibration resistance is critical.
3. **Power Management Modules**: Serving as a reliable interface for power distribution boards.
---
### 4. Technical Drawing Overview
If you are integrating this into a PCB or harness design, keep the following in mind:
```markdown
- Housing Material: PBT (Polybutylene Terephthalate) or High-Temp Nylon.
- Contact Resistance: < 10mΩ.
- Insulation Resistance: > 1000MΩ.
- Mating Force: Typically < 50N to ensure easy manual assembly.
```
- ⤷What is the exact manufacturer of the W2PP series?
- ⤷ Is there a direct equivalent for the W2PP-92YN-R2/Q?
- ⤷ What are the crimping tool requirements for this terminal?