W2PV-C112-R2/CE
AI

The **W2PV-C112-R2/CE** is a specialized industrial power component, typically classified as a **Power Distribution Module (PDM)** or a specific type of **Relay/Terminal Block** used in automation systems (often associated with brands like OMRON or similar industrial control manufacturers).
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
This device is designed to interface between control logic (like a PLC) and field actuators, providing power distribution and circuit protection.
| Feature | Specification |
| :--- | :--- |
| **Model Number** | W2PV-C112-R2/CE |
| **Component Type** | Power Distribution / Terminal Relay Module |
| **Input Voltage** | Typically 24V DC (Standard for industrial control) |
| **Contact Configuration** | Specific to the "C112" series layout |
| **Mounting Type** | DIN Rail Mounting |
| **Compliance** | CE (Conformité Européenne) certified |
### 2. Key Electronic Characteristics
#### A. Circuit Protection
* **Reverse Polarity Protection:** Prevents damage if the DC power supply leads are swapped during installation.
* **Surge Suppression:** Integrated diodes or varistors to protect the internal circuitry from voltage spikes caused by inductive loads.
#### B. Connection Interface
* **R2 Designation:** Usually refers to the specific wiring architecture or the revision of the connector interface (often a ribbon cable or MIL connector for high-density wiring).
* **Terminal Type:** Screw terminals or push-in terminals for field-side wiring, ensuring low contact resistance and secure vibration-proof connections.
#### C. Switching Logic
* The "C" in the suffix often denotes a specific common line configuration (e.g., Common Positive or Common Negative), which determines how the module interacts with NPN or PNP sensors/outputs.
---
### 3. Applications and Usage
This part is commonly used in:
1. **Industrial Control Cabinets:** To consolidate wiring and reduce the physical footprint of electrical panels.
2. **PLC I/O Expansion:** Acting as a bridge between high-density PLC output cards and high-power field devices (solenoids, motors).
3. **Safety Systems:** Where CE-marked components are required to meet European safety standards.
---
### 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **W2PV** | Series prefix (Power/Voltage distribution module) |
| **C112** | Internal circuit design / Pin count / Channel density |
| **R2** | Connector/Revision style (e.g., 20-pin MIL connector) |
| **CE** | Compliance marking for European markets |
---
- ⤷
What is the maximum current rating per channel for this module?
- ⤷ Is this module compatible with NPN or PNP logic types?
- ⤷ Does this model include built-in LED indicators for status monitoring?