W2PV-C1A1-R
AI

The **W2PV-C1A1-R** is a specific part number belonging to a series of industrial-grade **Limit Switches** (specifically the W2PV series) often utilized in automation, security, and position-sensing applications.
---
### 1. Component Overview
The W2PV-C1A1-R is a mechanical switch designed to convert physical motion into an electrical signal. It is characterized by its compact form factor and high durability.
### 2. Technical Specifications
The following table outlines the primary electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Limit Switch / Micro Switch |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Pin Plunger (Standard) |
| **Current Rating** | Typically 0.1A to 5A (model dependent) |
| **Voltage Rating** | 125VAC / 250VAC |
| **Termination Style** | Solder or Quick Connect terminals |
| **Operating Force** | High Precision / Low Force |
| **Environmental Rating** | IP40 (Standard protection against dust) |
---
### 3. Internal Circuitry
The W2PV-C1A1-R typically operates on a **Changeover (SPDT)** mechanism. This allows it to be used in two different configurations:
* **Normally Open (NO):** The circuit is completed only when the plunger is pressed.
* **Normally Closed (NC):** The circuit is broken when the plunger is pressed.
```mermaid
graph LR
A[Common Terminal] --- B(Internal Spring)
B --> C[NC Terminal]
B -.-> D[NO Terminal]
subgraph Action
E[Physical Pressure]
end
```
---
### 4. Typical Applications
1. **Industrial Machinery:** Detecting the end-of-travel for a moving arm or conveyor.
2. **Safety Interlocks:** Ensuring a machine door is closed before the power can be engaged.
3. **Office Equipment:** Detecting paper jams or door positions in large printers/copiers.
4. **Home Appliances:** Used in microwave door latches or washing machine lids.
---
### 5. Key Features
* **Reliability:** Engineered for millions of mechanical cycles.
* **Fast Switching:** The internal "snap-action" mechanism ensures the contacts move rapidly regardless of the speed of the actuator.
* **Compact Design:** Designed for space-constrained PCB or panel mounting.
- ⤷What are the mounting hole dimensions for the W2PV-C1A1-R?
- ⤷ Does this model have a high-temperature variant?
- ⤷ How does the 'R' suffix modify the standard specifications?