W2PV-C1A1-R2
AI

Based on technical specifications, the **W2PV-C1A1-R2** is a specialized electronic component, typically categorized as a **Standard Digital Color Sensor** or a **Photoelectric Sensor**, often used in industrial automation for color registration and detection.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Photoelectric / Color Mark Detection |
| **Operating Voltage** | 10V to 30V DC |
| **Output Type** | PNP / NPN (Push-Pull configuration) |
| **Response Time** | High-speed (typically < 50 µs) |
| **Connection Type** | M12 Connector (4-pin) or Cable |
| **Light Source** | RGB LED (Red, Green, Blue) |
| **IP Rating** | IP67 (Dust and Water resistant) |
---
### 2. Functional Breakdown
The electronic architecture of this part consists of several critical stages:
#### A. The Optical Front-End
The device utilizes an **RGB light source**. Instead of emitting a single color, it emits Red, Green, and Blue light pulses to calculate the chromaticity of the target surface. This allows the sensor to distinguish between subtle shade differences that a standard contrast sensor might miss.
#### B. The Signal Processing Unit (ASIC)
Internal circuitry includes an **Application-Specific Integrated Circuit (ASIC)** that processes the reflected light intensity.
* **Teaching Function:** It features a "Teach-in" button or remote wire. This allows the electronics to store a "target color" in its internal memory.
* **Threshold Comparison:** The ASIC compares real-time input against the stored value to trigger the output.
#### C. Output Electronics
The **R2** suffix usually denotes a specific output configuration, typically a **Push-Pull** output stage. This is highly versatile because:
* It can act as **PNP** (sourcing current).
* It can act as **NPN** (sinking current).
* It provides high immunity to electrical noise (EMI).
---
### 3. Application Use Cases
Due to its high-speed electronic switching, the W2PV series is commonly found in:
1. **Packaging Industry:** Detecting registration marks on high-speed plastic films.
2. **Quality Control:** Verifying the presence of colored labels or caps.
3. **Printing:** Aligning color offsets during the press process.
---
- ⤷
What are the wiring pinouts for the M12 connector on this model?
- ⤷ How does the 'Teach-in' process work electronically for color calibration?
- ⤷ What is the maximum sensing distance for the W2PV-C1A1-R2?