AI

The **W2PV-C1A2-R/UL** is a high-performance industrial-grade rocker switch, typically manufactured by companies like **NKK Switches** or similar electronic component providers. These switches are designed for rugged environments requiring high reliability and UL (Underwriters Laboratories) safety certification.
---
### ## Technical Specifications
Below is a breakdown of the core electronic and mechanical characteristics:
| Property | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Switch Function** | ON - OFF |
| **Current Rating** | Typically 20A @ 125V AC / 10A @ 250V AC |
| **Termination Style** | Quick Connect / Solder Lug |
| **Actuator Color** | Red (indicated by the 'R' in the suffix) |
| **Illumination** | Non-illuminated (standard for this series) |
| **Certification** | UL, CSA, VDE (Component recognized) |
---
### ## Key Electronic Features
1. **Contact Resistance:**
Features high-quality silver alloy contacts designed to maintain low resistance (typically <20mΩ), preventing overheating during high-current operations.
2. **Dielectric Strength:**
Designed to withstand high voltages (usually up to 1,500V AC for 1 minute) between contacts and case, ensuring operator safety from electrical shock.
3. **Mechanical & Electrical Life:**
* **Mechanical:** Rated for 50,000 to 100,000 cycles.
* **Electrical:** Rated for 25,000 cycles at full load, ensuring long-term durability in power-heavy applications.
4. **Inrush Current Handling:**
The internal mechanism is built to handle the initial surge of electricity (inrush current) common in motors and capacitive loads without welding the contacts together.
---
### ## Part Number Breakdown
* **W2PV:** The series identifier (High capacity/Industrial).
* **C1:** Indicates the mounting style (often Snap-in or Panel mount).
* **A2:** Refers to the terminal type (Straight or Quick Connect).
* **R:** Specifies the actuator color (**Red**).
* **UL:** Indicates the part meets UL safety standards for the North American market.
---
### ## Common Applications
* **Industrial Equipment:** Power supplies, control panels, and heavy machinery.
* **Medical Devices:** Reliable power switching for diagnostic tools.
* **Commercial Appliances:** High-current kitchen or cleaning equipment.
* **HVAC Systems:** Used as main power cut-off switches.
- ⤷What is the specific panel cutout size required for this switch?
- ⤷ Does this model support waterproof or dustproof ratings like IP67?
- ⤷ Can this switch be used for DC applications instead of AC?