AI

The **W2PV-C1AB-R2/Q** is a specific part number associated with the **W2PV series** of high-performance wireless power transfer/charging components, typically manufactured by **Omron** (specifically within their wireless power transmission division). These components are designed for industrial applications where physical connectors are impractical.
---
### 1. Component Specification Overview
| Feature | Description |
| :--- | :--- |
| **Component Type** | Wireless Power Receiver / Antenna Unit |
| **Series** | W2PV (Wireless Power Transmission) |
| **Power Output** | Typically rated for 2.0W - 5.0W (depending on coupling) |
| **Connection Type** | Cable connection (indicated by the suffix R2) |
| **Application** | Industrial automation, AGVs, rotating machinery |
| **Environmental Rating** | High (IP67 or similar for industrial durability) |
---
### 2. Detailed Technical Breakdown
#### A. Power Transmission Method
The device utilizes **Magnetic Induction**. It works in tandem with a "Transmitter" (Source) unit. When the transmitter and this receiver are aligned within a specific air gap (usually 1mm to 5mm), power is transferred without physical contact.
#### B. Internal Circuitry
The "Electronic" side of the W2PV-C1AB-R2/Q consists of:
* **Resonant Coil:** A high-Q factor copper coil tuned to a specific frequency.
* **Rectification Bridge:** Converts the AC electromagnetic field into DC power.
* **Voltage Regulation:** Ensures the output voltage remains stable despite fluctuations in the distance between the transmitter and receiver.
* **Safety Logic:** Includes Over-Current Protection (OCP) and Over-Temperature Protection (OTP).
#### C. Suffix Interpretation (R2/Q)
* **R2:** Generally refers to a specific cable length or a "Robot Cable" variant designed for high flexibility and repetitive bending.
* **Q:** Often denotes a "Quick Disconnect" or a specific quality standard/packaging variant used in automotive or high-reliability industrial sectors.
---
### 3. Key Advantages in Electronics Design
1. **Elimination of Wear:** Unlike spring-loaded pins (Pogo pins), there is no mechanical wear, making it ideal for rotating parts.
2. **Sealed Electronics:** Because there are no open ports, the electronics are completely protected from dust, oil, and water.
3. **Misalignment Tolerance:** The electronic design allows for a small degree of lateral and angular offset while still maintaining power efficiency.
---
### 4. Implementation Requirements
To use this part effectively, the following electronic environment is required:
* **Matching Transmitter:** Must be paired with the corresponding W2PV series Transmitter unit.
* **Heat Dissipation:** While efficient, eddy currents in nearby metal can cause heating; the mounting area should be kept free of non-ferrous metals if possible.
* **Load Management:** The connected load must not exceed the rated wattage to prevent the receiver's thermal shutdown.
- ⤷
What is the maximum transmission distance for the W2PV series?
- ⤷ Are there specific transmitter units recommended for use with the R2/Q variant?
- ⤷ How does metal interference affect the efficiency of this specific receiver?