W2PV-C1S12-R2
AI

The **W2PV-C1S12-R2** is a specialized power connector system, typically categorized under heavy-duty or industrial power solutions (often associated with brands like **P-Duke** or related modular power assembly components).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
This component is designed to handle high-current loads and provide reliable connectivity in industrial environments.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Connector / Busbar Interface |
| **Rated Voltage** | Typically up to 12V - 48V DC (Application dependent) |
| **Maximum Current** | High-amperage capacity (usually 30A - 100A range) |
| **Termination Style** | Screw or Bolt-on Terminal |
| **Material Housing** | High-temperature Thermoplastic |
| **Contact Plating** | Silver or Tin over Copper Alloy |
---
### 2. Electronic Characteristics
The W2PV series focuses on **Efficiency** and **Thermal Management**.
* **Low Contact Resistance:** The internal copper alloy is plated to ensure minimal voltage drop across the connection, which is critical for high-current DC power distribution.
* **Thermal Stability:** The "R2" designation often refers to a specific revision or thermal rating, ensuring the part can operate in ambient temperatures exceeding 85°C without melting or degrading.
* **Mechanical Keying:** Designed to prevent cross-connection or reverse polarity, protecting sensitive downstream electronics.
---
### 3. Common Applications
This part is frequently used in the following electronic infrastructures:
1. **Server Racks:** Connecting power supply units (PSUs) to the main power backplane.
2. **Electric Vehicle (EV) Systems:** Used in battery management systems or internal charging circuits.
3. **Industrial Automation:** Distributing DC power to motor controllers and PLC racks.
4. **Renewable Energy:** Inverters and battery storage modules where high-reliability connections are required.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer, the code generally follows this logic:
* **W2PV:** Series designation (Power Vector/Busbar).
* **C1:** Configuration type (Single pole or specific physical footprint).
* **S12:** Size or specific voltage/current rating (e.g., 12mm or 12V optimized).
* **R2:** Revision 2 or RoHS 2 compliance.
---
- ⤷What is the maximum operating temperature for the W2PV series?
- ⤷ Is there a specific mounting footprint required for the R2 revision?
- ⤷ Which manufacturers produce compatible mating connectors for this part?