W2PV-C1S1B-R2
AI

The **W2PV-C1S1B-R2** is a specialized electronic component part of the **W2PV series** (specifically the **W2 Power Module**) manufactured by **Wibrain** or associated industrial computing vendors. These are typically used in rugged computing, industrial automation, or specialized power management systems.
Below is a breakdown of the electronic specifications and features of this component.
---
## 1. Core Technical Specifications
The "W2PV" series generally refers to a High-Efficiency Power Module designed for industrial applications.
| Feature | Specification Details |
| :--- | :--- |
| **Input Voltage Range** | Typically 9V to 36V DC (Wide input for industrial use) |
| **Output Type** | Regulated DC Output (Commonly 12V or 5V logic) |
| **Efficiency** | > 85% at full load |
| **Protection Circuitry** | OVP (Over Voltage), OCP (Over Current), SCP (Short Circuit) |
| **Form Factor** | Compact, SMT (Surface Mount) or Module Plug-in |
---
## 2. Part Number Breakdown (Nomenclature)
While manufacturer codes vary slightly, the string `W2PV-C1S1B-R2` usually follows this logic:
* **W2PV**: Series Identifier (Power Vector/Module Series).
* **C1**: Channel configuration (likely Single Channel, Type 1).
* **S1**: Shielding or Isolation level (S1 often denotes standard EMI shielding).
* **B**: Revision or Binning code for component tolerance.
* **R2**: Second Generation (Revision 2) hardware improvements.
---
## 3. Key Electronic Characteristics
### Power Management
This part functions as a **DC-DC Converter** or a **Power Distribution Board (PDB)** component. It is engineered to handle transient voltage spikes common in automotive or factory floor environments.
### Connectivity & Interface
The "B" in the suffix often relates to the physical interface:
* **Connectors**: Often uses high-retention header pins to prevent disconnection under vibration.
* **Thermal Management**: The bottom of the PCB usually features a thermal pad or large copper planes to dissipate heat without a dedicated fan.
---
## 4. Typical Applications
1. **Industrial PCs (IPC):** Providing stable power to motherboards from fluctuating external batteries.
2. **Robotics:** Managing power delivery between high-draw motors and sensitive logic controllers.
3. **Telecommunications:** Used in base stations for local voltage regulation.
---
- ⤷
What is the maximum operating temperature for the W2PV-C1S1B-R2?
- ⤷ Can this module be used in automotive 24V systems?
- ⤷ Does this part require external capacitors for ripple filtering?