W2PV-C1SA2-R/
AI

The **W2PV-C1SA2-R** is a specific part number belonging to the **W2PV series** of high-power, high-frequency coaxial connectors, typically used in automotive and industrial communication systems.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. Component Overview
This component is a **Fakra-compatible** (or similar high-speed data) connector designed for printed circuit board (PCB) mounting. It is primarily used to transmit Radio Frequency (RF) signals.
### 2. Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | Coaxial / RF Connector |
| **Series** | W2PV |
| **Mounting Type** | Through-hole or Surface Mount (depending on PCB layout) |
| **Orientation** | Right-Angle (RA) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | Typically DC to 6 GHz |
| **Housing Material** | High-temperature thermoplastic (PA6T/LCP) |
| **Contact Plating** | Gold or Tin over Nickel |
### 3. Key Electronic Characteristics
* **Signal Integrity:** Designed to minimize Insertion Loss (IL) and Return Loss (RL) in high-speed data environments (e.g., GPS, LVDS, or 4G/5G antennas).
* **EMI Shielding:** The metal housing provides a grounded shield to protect the signal from Electromagnetic Interference (EMI) and prevent the connector from radiating noise.
* **Voltage Rating:** Usually rated for low voltage signal transmission (approx. 60V - 100V AC).
* **Mechanical Coding:** The "C" in the part number often refers to the **Coding/Keying**. In Fakra-style connectors, different colors and mechanical keys prevent incorrect mating (e.g., Blue for GPS, Bordeaux for GSM).
### 4. Applications
This part is commonly found in the following electronic modules:
1. **Automotive Infotainment:** Connection to radio and satellite antennas.
2. **ADAS (Advanced Driver Assistance Systems):** High-speed camera data transmission.
3. **Telematics:** LTE/5G connectivity modules.
4. **Wireless Gateways:** Industrial IoT devices requiring external antenna connections.
---
- ⤷What is the specific mechanical coding color for the C-type variant?
- ⤷ What are the soldering requirements for the W2PV-C1SA2-R?
- ⤷ Is this connector compatible with standard Fakra II or III specifications?