Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2PV-C1SA2-R/Q

  • AI
    The **W2PV-C1SA2-R/Q** refers to a high-performance **Industrial LCD Controller Board** (often part of a display interface kit). These components are designed to bridge the gap between standard video inputs (like HDMI or DisplayPort) and industrial-grade LCD panels (using LVDS or eDP interfaces). ### Technical Overview This specific series is known for its durability in industrial environments, offering high-resolution support and versatile connectivity. --- ### Core Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | Typically supports LVDS (Low-Voltage Differential Signaling) or eDP. | | **Max Resolution** | Often supports up to 1920 x 1080 (Full HD) @ 60Hz. | | **Input Voltage** | Generally operates on 12V DC. | | **Input Signals** | HDMI, DisplayPort, or VGA (depending on the specific revision). | | **Operating Temp** | Industrial grade: -20°C to +70°C. | --- ### Key Electronic Components The board is comprised of several critical sub-systems that allow it to function as a "translator" for display data: #### 1. Scaler IC (The Brain) The central chip responsible for: * **Signal Conversion:** Converting incoming HDMI/DP signals into a format the LCD panel understands (LVDS). * **Image Scaling:** Adjusting lower-resolution inputs to fit the panel’s native resolution. * **OSD Control:** Generating the "On-Screen Display" menu for brightness and contrast. #### 2. Power Management Circuitry Since industrial panels require specific voltages, the board includes: * **Step-down Regulators:** Converts the 12V input to 5V, 3.3V, and 1.2V for the internal logic. * **Inverter/Backlight Driver Interface:** A dedicated connector to power and control the dimming of the LCD's LED backlight. #### 3. Signal Output (LVDS Connector) The "SA2" designation usually points to a specific pinout configuration: * **Differential Pairs:** High-speed data lines that transmit color data with low electromagnetic interference. * **EDID Support:** An EEPROM chip that tells the computer the name and capabilities of the connected monitor. #### 4. Control Interfaces * **Keyboard/Keypad Header:** Connects to physical buttons (Power, Menu, Source). * **UART/RS232 (Optional):** Used for remote command control in digital signage applications. --- ### Typical Applications 1. **Industrial HMIs:** Touchscreens used in factory automation. 2. **Medical Displays:** High-reliability imaging monitors. 3. **Kiosks:** Outdoor or public information displays requiring 24/7 operation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LVDS connector on this board?
    • ⤷ Does this model support PWM or Analog dimming for the backlight?
    • ⤷ Is there a firmware update tool available for this specific Scaler IC?