W2PV-C1SB1-R2
AI

The **W2PV-C1SB1-R2** is a specific electronic component belonging to the **W2PV series** of high-performance wireless connectivity modules, typically manufactured by vendors specializing in IoT and automotive-grade communication solutions (often associated with brands like Panasonic or specialized industrial suppliers).
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. Technical Specifications
The following table summarizes the core electronic attributes of the W2PV-C1SB1-R2:
| Parameter | Specification |
| :--- | :--- |
| **Connectivity** | Wi-Fi (802.11 a/b/g/n/ac) & Bluetooth (Dual Mode) |
| **Interface** | SDIO (for Wi-Fi) and UART/PCM (for Bluetooth) |
| **Frequency Band** | 2.4 GHz and 5 GHz (Dual Band) |
| **Operating Voltage** | 3.3V (Typical) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Operating Temp** | -40°C to +85°C (Industrial/Automotive Grade) |
---
### 2. Core Electronic Subsystems
#### A. RF Front-End (RFE)
The module integrates a sophisticated RF front-end that includes:
* **Power Amplifiers (PA):** Boosts the signal for transmission over long distances.
* **Low Noise Amplifiers (LNA):** Increases sensitivity for receiving weak signals.
* **Internal Switching:** Manages the path between 2.4GHz and 5GHz bands automatically.
#### B. Baseband Processor
This is the "brain" of the part. It handles the Physical Layer (PHY) and Media Access Control (MAC). It processes the complex modulation schemes required for **802.11ac** (Wi-Fi 5), allowing for high data throughput even in crowded spectral environments.
#### C. Power Management Unit (PMU)
The "R2" suffix often denotes a specific hardware revision or power optimization. The internal PMU regulates voltage levels for the sensitive radio components, ensuring stability during high-current transmission bursts.
---
### 3. Pinout and Integration
Integration of this part requires high-speed PCB design considerations:
* **Antenna Ports:** Usually supports diversity or MIMO configurations via dedicated pins or U.FL connectors.
* **Control Pins:** Includes `RESET_N` for hardware resets and `WAKE_UP` for low-power sleep modes.
* **Data Bus:** The SDIO 3.0 interface is critical for achieving the high data rates supported by the 5GHz band.
---
### 4. Applications
Due to its robust temperature rating and dual-band capabilities, this part is commonly found in:
1. **Automotive Infotainment:** Providing Wi-Fi hotspots inside vehicles.
2. **Industrial Gateways:** Connecting factory machinery to cloud servers.
3. **Medical Equipment:** High-reliability wireless data transmission for patient monitoring.
- ⤷
What are the specific PCB layout requirements for the SDIO interface on this module?
- ⤷ Does the W2PV-C1SB1-R2 support Bluetooth Low Energy (BLE) 5.0 or higher?
- ⤷ What is the peak power consumption during a 5GHz transmission burst?