W2PV-C22B-R
AI

The **W2PV-C22B-R** is a specific part number belonging to a series of industrial push-button switches, typically manufactured by companies like **IDEC** or similar industrial control component providers.
Based on the nomenclature, this part is part of a **22mm diameter mounting** pilot device family. Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Component Specifications
The following table outlines the technical parameters of the W2PV series:
| Parameter | Specification |
| :--- | :--- |
| **Mounting Hole Size** | 22mm (Standard Industrial) |
| **Component Type** | Illuminated Push Button / Pilot Device |
| **Color** | Red (Indicated by the "R" suffix) |
| **Illumination Source** | LED |
| **Input Voltage** | Typically 24V AC/DC (standard for this series) |
| **Contact Configuration** | Usually 1NO (Normally Open) or 1NC (Normally Closed) |
| **Degree of Protection** | IP65 / NEMA 4X (Water/Dust resistant) |
---
### 2. Part Number Breakdown
Industrial switches use "Smart Part Numbers" where each character defines a feature:
1. **W2P:** Refers to the series family (22mm Miniature Control Units).
2. **V:** Indicates the operator style (often "Flush" or "Extended" lens).
3. **C:** Refers to the contact block type or housing material.
4. **22:** Represents the physical mounting diameter (22mm).
5. **B:** Often denotes the voltage code (e.g., 24V) or terminal style.
6. **R:** The color of the lens/button (**Red**).
---
### 3. Electronic Architecture
The device consists of two main electronic modules:
* **The LED Module:**
* Designed for low power consumption.
* Equipped with internal current-limiting resistors to protect the LED from voltage spikes.
* Polarity sensitive (though some AC/DC models include a bridge rectifier).
* **The Contact Block:**
* The switching mechanism is isolated from the light source.
* Rated for low-current logic signals or higher current industrial relays (often up to 10A at 120V AC).
* Uses **Silver (Ag)** contacts to ensure low resistance and long life cycles.
---
### 4. Wiring and Usage
Typical wiring involves two separate circuits:
1. **Terminals X1 & X2:** Power for the LED illumination.
2. **Terminals 1 & 2 (or 3 & 4):** The switching circuit that controls the load (PLC input, relay coil, etc.).
```cpp
// Typical Application Logic (PLC Example)
IF (Switch_Pressed == TRUE) {
LED_Indicator = ON; // Feedback loop
Execute_Machine_Stop();
}
```
- ⤷
What is the maximum operating voltage for the W2PV-C22B-R?
- ⤷ Does this model support momentary or maintained action?
- ⤷ Is the LED module replaceable or integrated into the housing?