AI

The **W2PV-C2S12-R** is a specific model identifier typically associated with **M12 Circular Connectors** or specialized **Waterproof Industrial Cables**, often produced by manufacturers like Woodhead (Molex) or specialized industrial component suppliers.
Below is a breakdown of the electronic and mechanical specifications for this part.
---
## 1. Technical Specifications
The part is generally classified as a **Single-Ended Cordset** used for industrial automation and sensor connectivity.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Gender** | Female (Standard for C2S designation) |
| **Orientation** | Straight |
| **Number of Poles** | 12-Pin |
| **Voltage Rating** | 30V AC / 36V DC |
| **Current Rating** | 1.5A per contact |
| **Coupling Type** | Internal Threaded (Screw-on) |
| **Protection Class** | IP67 / IP68 (Dust-tight and Waterproof) |
---
## 2. Key Electronic Components
### A. Contact Interface
* **Pins/Sockets:** The 12-pin configuration allows for high-density signal transmission. Due to the high pin count, the individual pins are thinner, resulting in a lower current capacity (approx. 1.5A) compared to 3 or 4-pin M12 versions.
* **Plating:** Usually features gold-plated copper alloy contacts to prevent oxidation and ensure low contact resistance over time.
### B. Cable Construction (S12 Designation)
* **Conductors:** 12 individual wires, typically 24 AWG or 26 AWG.
* **Jacket Material:** Usually PUR (Polyurethane) or PVC. PUR is preferred in industrial "R" (Robot/Rugged) versions for its resistance to oil, chemicals, and constant flexing.
* **Shielding:** Often includes a braid or foil shield to protect signals from Electromagnetic Interference (EMI), critical for 12-pin configurations carrying sensitive data.
---
## 3. Part Number Decoding
While specific to the manufacturer's catalog, the suffixing follows this logic:
* **W2PV:** Series designation (often indicating Washdown or Waterproof series).
* **C2S:** Connector configuration (Female, Straight).
* **12:** The number of active poles/pins.
* **-R:** Indicates "Right" or "Rugged/Robot" grade, implying high-flex life or specific chemical resistance for harsh environments.
---
## 4. Common Applications
Due to the 12-pin density, this part is rarely used for power and is instead used for:
* **Complex Sensors:** Multi-beam light curtains or color sensors.
* **Encoders:** Transmitting high-resolution rotational data.
* **PLC I/O:** Connecting multiple low-power signals through a single bulkhead.
* **Robotic Arms:** Where space is limited but many control signals are required.
- ⤷
What is the standard color coding for a 12-pin M12 connector wire map?
- ⤷ How does the PUR jacket compare to PVC for chemical resistance in this model?
- ⤷ What is the maximum bending radius for the 'R' rated high-flex cable?