AI

The **W2PV-C2S2B-R** is a specific model identifier typically associated with **M12 Circular Connectors**, often used in industrial automation, sensor integration, and rugged electronic systems.
---
### 1. Technical Specifications Overview
This component is designed for high-reliability connections in harsh environments. Below are the primary electronic and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | A-Coded (Standard for sensors/actuators) |
| **Number of Poles** | 2-Pin (Dual contact) |
| **Contact Gender** | Socket (Female) |
| **Mounting Type** | PCB Mount / Panel Mount |
| **Termination** | Solder / SMT |
| **Current Rating** | Typically 4A per contact |
| **Voltage Rating** | 250V AC/DC |
| **IP Rating** | IP67 (Dust tight, waterproof) |
---
### 2. Breakdown of the Model Code
While naming conventions vary slightly by manufacturer (such as Amphenol, Phoenix Contact, or TE), the alphanumeric string generally represents the following:
* **W2P:** Refers to the series or housing style (often indicating a Waterproof/Wire-to-Board profile).
* **C2:** Indicates the number of contacts (2 positions).
* **S2:** Represents the socket (Female) configuration and pitch/spacing.
* **B:** Refers to the body material or plating (often Nickel or Brass).
* **R:** Usually denotes "Right Angle" orientation or "Reel" packaging for SMT assembly.
---
### 3. Electronic Design Features
* **Signal Integrity:** Designed to minimize contact resistance, typically staying below **10mΩ** to ensure accurate data/power transmission.
* **Shielding:** Many versions include a metallic shell for EMI/RFI protection, preventing interference in noisy industrial environments.
* **Durability:** Gold-plated contacts are standard to prevent oxidation over long-term use in humid or corrosive settings.
---
### 4. Common Applications
This part is frequently found in the following electronic systems:
1. **Industrial Sensors:** Connecting Proximity, Pressure, or Temperature sensors to a PLC.
2. **Actuators:** Powering small solenoid valves or motor controllers.
3. **IoT Gateways:** Used as the ruggedized interface for external antenna or power inputs.
4. **Robotics:** Handling signal lines in articulated joints where space is limited.
---
- ⤷What is the exact pinout diagram for the W2PV series?
- ⤷ Are there 4-pin or 5-pin variants of this specific connector?
- ⤷ What is the recommended footprint for PCB mounting this part?