W2PV-C2SBB-R2/UL
AI

The **W2PV-C2SBB-R2/UL** is a specific model of an **Industrial Ethernet Switch** or **Programmable Logic Controller (PLC) accessory**, typically associated with industrial automation components (often found in the catalog of manufacturers like Omron or specialized industrial networking providers).
Below is a breakdown of its technical specifications and electronic characteristics.
---
## 1. Core Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Device Type** | Industrial Ethernet Switch / Wireless Bridge Unit |
| **Standards Compliance** | UL (Underwriters Laboratories) Certified for industrial safety |
| **Input Voltage** | Typically 24V DC (Standard for industrial cabinets) |
| **Communication Protocol** | Ethernet/IP, TCP/IP, Modbus TCP |
| **Mounting Type** | DIN Rail Mounting |
| **Operating Temp** | -10°C to +55°C (Standard Industrial Grade) |
---
## 2. Key Electronic Components & Functions
### A. Power Supply Circuitry
The device includes internal **DC-DC Converters** to step down the 24V DC input to the lower voltages (3.3V or 1.8V) required by the internal microprocessors. It features:
* **Reverse Polarity Protection:** Prevents damage if the power wires are swapped.
* **Surge Protection:** Integrated Varistors or TVS diodes to handle industrial electrical noise.
### B. Networking Architecture
This part functions as a bridge or switch:
* **MAC Controller:** Handles the Media Access Control layer for Ethernet communication.
* **Isolation Transformers:** Every RJ45 port includes magnetic isolation to prevent ground loops and protect the internal logic from high-voltage spikes on the network cable.
### C. Signaling and Indicators
The "R2" designation often refers to specific revisions or LED configurations:
* **Status LEDs:** Provide visual feedback for Power (PWR), Link/Activity (LNK/ACT), and Module Status (MS).
---
## 3. Product Code Breakdown
While specific to the manufacturer, the nomenclature generally follows this logic:
1. **W2PV:** Series identifier (likely a Wireless/Ethernet bridging series).
2. **C2SBB:** Configuration code (indicating the number of ports or specific antenna configuration).
3. **R2:** Revision number or specific hardware iteration.
4. **UL:** Indicates the component meets **UL 508** or **UL 60950** safety standards for North American industrial use.
---
## 4. Typical Wiring Example
To integrate this part into a control panel, the wiring logic is as follows:
```yaml
Power_Input:
Terminal_1: +24V DC
Terminal_2: 0V (GND)
Terminal_3: Frame Ground (PE)
Data_Interface:
Port_1: Uplink to PLC (RJ45)
Port_2: Local Device / HMI (RJ45)
```
- ⤷
What is the maximum data throughput for this specific model?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ Is this part compatible with Omron Sysmac Studio for configuration?